Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology LT3473 Datasheet HTML 10Page - Linear Technology LT3473 Datasheet HTML 11Page - Linear Technology LT3473 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT3473/LT3473A
3473f
resulting sum is fed into the positive terminal of the PWM
comparator A2. When this voltage exceeds the level of the
error signal VC, the SR latch is reset, turning off the power
switch Q1. The error amplifier sets the peak current level
to keep the output in regulation. If the error amplifier’s
output increases, more current is delivered to the output;
if it decreases, less current is delivered.
The LT3473 includes an internal power Schottky diode and
a PNP transistor, Q2, for output disconnect. Q2 discon-
nects the load from the input during shutdown. The part
also has a power good indication pin, PGOOD. When the
FB voltage reaches within 100mV of the reference voltage,
the comparator A4 turns on Q5, sinking current from
PGOOD pin.
The LT3473 has thermal shutdown feature with threshold
at about 145°C.
Inductor Selection
A 6.8µH inductor is recommended for the LT3473. The
minimum inductor size that may be used in a given appli-
cation depends on required efficiency and output current.
Inductors with low core losses and small DCR (copper
wire resistance) at 1.2MHz are good choices for LT3473
applications. Some inductors in this category with small
size are listed in Table 1. The efficiency comparison of
different inductors is shown in Figure 3.
Capacitor Selection
The small package of ceramic capacitors makes them
suitable for LT3473 applications. X5R and X7R types of
ceramic capacitors are recommended because they retain
their capacitance over wider voltage and temperature
ranges than other types such as Y5V or Z5U. A 4.7µF input
capacitor, a 0.47µF output capacitor and a 2.2µF capacitor
bypassing output disconnect PNP are sufficient for most
LT3473 applications.
Table 2. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
TELEPHONE
URL
Taiyo Yuden
408-573-4150
www.t-yuden.com
AVX
843-448-9411
www.avxcorp.com
Murata
814-237-1431
www.murata.com
Kemet
408-986-0424
www.kemet.com
APPLICATIO S I FOR ATIO
Table 1. Recommended Inductors
DCR
CURRENT
DIMENSION
PART
(mΩ)
RATING (A)
(mm)
MANUFACTURER
DO1605T-682
200
1.1
5.4 × 4.2 × 1.8
Coilcraft
ME3220-682
270
1.0
3.2 × 2.5 × 2.0
800-322-2645
MSS6122-682
100
1.45
6.1 × 6.1 × 2.2
www.coilcraft.com
MSS5131-682
60
1.05
5.1 × 5.1 × 3.1
LQH55DN6R8
74
2.0
5.7 × 5.0 × 4.7
Murata
814-237-1431
www.murata.com
CDRH5D18-6R2
71
1.4
5.7 × 5.7 × 2.0
Sumida
CDRH4D28-6R8
81
1.12
4.7 × 4.7 × 3.0
847-956-0666
CDRH5D28-6R2
33
1.8
5.7 × 5.7 × 3.0
www.sumida.com
CRD53-4R7
74
1.68
6.0 × 5.2 × 3.2
A918CY-6R2M
62
1.49
6.0 × 6.0 × 2.0
Toko
(TYPE D62LCB)
408-432-8281
A915AY-6R8M
68
1.51
5.0 × 5.0 × 3.0
www.tokoam.com
(TYPE D53LC)
LEAD CURRENT lO (mA)
0
70
75
80
80
3473 F03
65
60
55
20
40
60
100
TOKO A915AY-6R8M
SUMIDA CDRH4D28-6R8
SUMIDA CDRH5D18-6R2
COILCRAFT ME3220-682
COILCRAFT MSS5131-682
VIN = 3.6V
VOUT = 20V
Figure 3. Efficiency Comparison of Different Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com