Electronic Components Datasheet Search
  English  ▼

X  

LT3473 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 5 Page - Linear Technology

  LT3473 Datasheet HTML 1Page - Linear Technology LT3473 Datasheet HTML 2Page - Linear Technology LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT3473/LT3473A
3473f
Disconnect PNP Quiescent Current
SHDN Voltage to Turn-On
Disconnect PNP
Auxiliary NPN VBE
CAP VOLTAGE (V)
0
0.8
1.0
1.2
30
3473 G13
0.6
0.4
10
20
535
15
25
40
0.2
0
1.4
OUTPUT CURRENT (mA)
0
0
0.1
0.3
0.4
0.5
40
80
100
0.9
3473 G14
0.2
20
60
0.6
0.7
0.8
TEMPERATURE (°C)
–50
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0
50
3473 G15
0.90
0.95
1.00
IE = 1mA
IE = 100µA
0.55
100
PI FU CTIO S
CAP (Pin 1/Pin 1): Internal Output Voltage. This pin is the
Schottky cathode and disconnect PNP emitter. Connect
output capacitor here.
OUT (Pin 2/Pin 2): Output of Disconnect Circuit. Bypass
this pin with capacitor to ground.
CTRL (Pin 3/Pin 8): External Reference Pin. This pin sets
the FB voltage externally between 0V and 1.25V. Tie this
pin 1.5V or higher to use the internal 1.25V reference.
FB (Pin 4/Pin 7): Feedback Pin. Pin voltage is regulated to
1.25V if internal reference is used or to the CTRL pin
voltage if the CTRL pin voltage is between 0V and 1.25V.
Connect the feedback resistor divider to this pin. The
output voltage is regulated to:
VV
R
R
OUT
REF
=+
⎛
⎝
⎜
⎞
⎠
⎟
•
2
1
1
PGOOD (Pin 5/Pin 9): Power Good Output. Open collector
logic output that starts to sink current when FB reaches
within 100mV of the reference voltage.
SHDN (Pin 6/Pin 10): Shutdown Pin. Connect to 1.4V or
higher to enable device; 0.2V or less to disable device. Also
functions as soft-start. Use RC filter as shown in Figure 4.
VIN (Pin 7/Pin 11): Input Supply Pin. Must be locally
bypassed with a X5R or X7R type ceramic capacitor.
SW (Pin 8/Pin 12): Switch Pin. Connect inductor here.
Minimize the metal trace area connected to the pin to
minimize EMI.
Exposed Pad (Pin 9/Pin 13): Ground. Solder directly to
PCB ground plane through multiple vias under the pack-
age for optimum thermal performance.
LT3473A Only
NB1 (Pin 3): NPN1 Base.
NE1 (Pin 4): NPN1 Emitter.
NB2 (Pin 5): NPN2 Base.
NE2 (Pin 6): NPN2 Emitter.
(LT3473/LT3473A)
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com