Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology LTC2935 Datasheet HTML 10Page - Linear Technology LTC2935 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC2935
7
2935fa
APPLICATIONS INFORMATION
VOLTAGE MONITORING
Unmanaged power can cause various system problems.
At power-up, voltage fluctuation around critical thresholds
can cause improper system or processor initialization.
The LTC2935 provides power management capabilities
for the system power-up phase. The supervisory device
issues a system reset after the monitored voltage has
stabilized. Built-in hysteresis and filtering ensures that
fluctuations due to load transients or supply noise do
not cause chattering of the status outputs. Comparator
undervoltage glitch immunity is shown in the Typical
Performance Characteristics section. The curve dem-
onstrates the transient amplitude and width required to
switch the comparators.
Because many batteries exhibit large series resistance,
load currents can cause significant voltage drops. The
low DC current draw of the LTC2935 (at any input volt-
age) does not add to the loading problem. When voltage
is initially applied to VCC, RST and PFO pull low once there
is enough voltage to turn on the pull-down devices (1V
maximum).
If the monitored supply voltage falls to the power-fail
threshold, the built-in power-fail comparator pulls PFO
low. At this point, there remains a voltage margin before
the RST output pulls low. PFO remains low until VCC rises
above the power-fail threshold plus 2.5% hysteresis. PFO
is typically used in signal preparation for controlled shut-
down. For example, the PFO output may be connected to
a processor nonmaskable interrupt. Upon interrupt, the
processor may begin shutdown procedures. Shutdown
events may include supply sequencing and/or storage/
erasure of system state in nonvolatile memory.
If the monitored voltage drops below the reset threshold,
RSTpullslowuntilVCCrisesabovetheresetthresholdplus
5% hysteresis. This may occur through battery charging
or replacement. An internal reset timer delays the return
of the RST output to a high state to provide settling and
initialization time. The RST output is typically connected
to a processor reset input.
Few, if any external components are necessary for reliable
operation. However, a decoupling capacitor between VCC
and ground is recommended (0.01μF minimum).
Threshold Configuration
The LTC2935 monitors and compares the VCC voltage
against two internal thresholds during operation. The
higher threshold (power-fail) is the level used for early
warning of a low voltage condition, reported on the PFO
output. The lower threshold (reset) is the level at which the
RST output pulls low. Use system requirements to choose
the appropriate reset threshold from Table 1.
Table 1. Falling Threshold Selection
LTC2935-1/LTC2935-2
LTC2935-3/LTC2935-4
RESET
THRESHOLD
(V)
POWER-FAIL
THRESHOLD
(V)
RESET
THRESHOLD
(V)
POWER-FAIL
THRESHOLD
(V)
S2
S1
S0
3.30
3.45
2.44
2.56
Low Low Low
3.15
3.30
2.32
2.44
Low Low High
3.00
3.15
2.20
2.32
Low High High
2.85
3.00
2.08
2.20
Low High Low
2.70
2.85
1.96
2.08
High High Low
2.55
2.70
1.84
1.96
High Low Low
2.40
2.55
1.72
1.84
High Low High
2.25
2.40
1.60
1.72
High High High
In the LTC2935-1/LTC2935-2 the power-fail threshold
is always 150mV higher than the configured reset
threshold. In the LTC2935-3/LTC2935-4 the power-fail
threshold is always 120mV higher than the configured
reset threshold. Set the threshold selection inputs (S2,
S1, S0) accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com