Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 3 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC2935
3
2935fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Input Supply Voltage
l
5.5
V
ICC
VCC Input Supply Current
l
225
500
1000
nA
Reset Thresholds (LTC2935-1/LTC2935-2)
VRTF1
Reset Threshold 1 (VCC Falling)
S2 = Low : S1 = Low : S0 = Low
l
3.251
3.300
3.349
V
VRTF2
Reset Threshold 2 (VCC Falling)
S2 = Low : S1 = Low : S0 = High
l
3.103
3.150
3.197
V
VRTF3
Reset Threshold 3 (VCC Falling)
S2 = Low : S1 = High : S0 = High
l
2.955
3.000
3.045
V
VRTF4
Reset Threshold 4 (VCC Falling)
S2 = Low : S1 = High : S0 = Low
l
2.808
2.850
2.892
V
VRTF5
Reset Threshold 5 (VCC Falling)
S2 = High : S1 = High : S0 = Low
l
2.660
2.700
2.740
V
VRTF6
Reset Threshold 6 (VCC Falling)
S2 = High : S1 = Low : S0 = Low
l
2.512
2.550
2.588
V
VRTF7
Reset Threshold 7 (VCC Falling)
S2 = High : S1 = Low : S0 = High
l
2.364
2.400
2.436
V
VRTF8
Reset Threshold 8 (VCC Falling)
S2 = High : S1 = High : S0 = High
l
2.217
2.250
2.283
V
ΔVRTF
Reset Threshold Differential VRTF(N+1) – VRTF(N)
(Note 3)
l
142
150
158
mV
VRT(HYST)
Reset Threshold Hysteresis (VCC Rising)
Relative to Any Selected Reset Threshold
l
4.5
5
6
%
tUVR
Undervoltage Detect to RST Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Reset Thresholds (LTC2935-3/LTC2935-4)
VRTF1
Reset Threshold 1 (VCC Falling)
S2 = Low : S1 = Low : S0 = Low
l
2.404
2.440
2.476
V
VRTF2
Reset Threshold 2 (VCC Falling)
S2 = Low : S1 = Low : S0 = High
l
2.286
2.320
2.354
V
VRTF3
Reset Threshold 3 (VCC Falling)
S2 = Low : S1 = High : S0 = High
l
2.167
2.200
2.233
V
VRTF4
Reset Threshold 4 (VCC Falling)
S2 = Low : S1 = High : S0 = Low
l
2.049
2.080
2.111
V
VRTF5
Reset Threshold 5 (VCC Falling)
S2 = High : S1 = High : S0 = Low
l
1.931
1.960
1.989
V
VRTF6
Reset Threshold 6 (VCC Falling)
S2 = High : S1 = Low : S0 = Low
l
1.813
1.840
1.867
V
VRTF7
Reset Threshold 7 (VCC Falling)
S2 = High : S1 = Low : S0 = High
l
1.695
1.720
1.745
V
VRTF8
Reset Threshold 8 (VCC Falling)
S2 = High : S1 = High : S0 = High
l
1.576
1.600
1.624
V
ΔVRTF
Reset Threshold Differential VRTF(N+1) – VRTF(N)
(Note 3)
l
112
120
128
mV
VRT(HYST)
Reset Threshold Hysteresis (VCC Rising)
Relative to Any Selected Reset Threshold
l
4.5
5
6
%
tUVR
Undervoltage Detect to RST Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Power-Fail Thresholds (LTC2935-1/LTC2935-2)
ΔVPFT
Power-Fail Threshold Differential VPFT(N) – VRTF(N)
Any Selected Reset Threshold (VCC Falling)
l
100
150
200
mV
VPFT(HYST) Power-Fail Threshold Hysteresis
Relative to Any Selected Power-Fail Threshold
(VCC Rising)
l
2
2.5
3.5
%
tUVP
Undervoltage Detect to PFO Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Power-Fail Thresholds (LTC2935-3/LTC2935-4)
ΔVPFT
Power-Fail Threshold Differential VPFT(N) – VRTF(N)
Any Selected Reset Threshold (VCC Falling)
l
70
120
170
mV
VPFT(HYST) Power-Fail Threshold Hysteresis
Relative to Any Selected Power-Fail Threshold
(VCC Rising)
l
2
2.5
3
%
tUVP
Undervoltage Detect to PFO Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Control Inputs: MR, S2, S1, S0
VIN(TH)
Control Input Threshold
S2, S1, S0
MR
l
l
0.3 • VCC
0.4
0.7 • VCC
1.4
V
V
tPW
Input Pulse Width
MR
l
20
μs
tPD
Propagation Delay to RST Falling
Manual Reset Falling
l
25
20
μs
RPU
Internal Pull-Up Resistance
MR
l
600
900
1200
kΩ
ILK
Input Leakage Current
S2, S1, S0 = VCC or GND
l
±1
±10
nA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.6V, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com