Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 5 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2935
5
2935fa
Supply Current vs S0, S1, S2
Input Voltage
Supply Current vs MR Input Voltage
PIN FUNCTIONS
Exposed Pad (DFN Only): Exposed Pad may be left floating
or connected to device ground.
GND: Device ground.
MR: Manual Reset Input. Attach a pushbutton switch
between this input and ground. A logic low on this input
pulls RST low. When the MR input returns to logic high,
RST returns high after 200ms. Tie to VCC if unused.
PFO: Power-Fail Output. PFO pulls low when VCC falls
below the power-fail threshold. The power-fail thresh-
old is above the configured falling reset threshold by a
pre-determined margin. PFO is released when VCC rises
above the power-fail threshold by 2.5%. PFO is available
with open-drain (LTC2935-1/LTC2935-3) or active pull-up
(LTC2935-2/LTC2935-4) outputs. Leave open if unused.
RST: Reset Output. RST pulls low when VCCfallsbelowthe
reset threshold. RST is released 200ms after VCC exceeds
the reset threshold plus 5% hysteresis. RST is available
with open-drain (LTC2935-1/LTC2935-3) or active pull-up
(LTC2935-2/LTC2935-4) outputs. Leave open if unused.
S2, S1, S0: Threshold Selection Inputs. Tie to GND or
VCC for required reset threshold. See the Falling Threshold
Selection Table on page 1 for settings.
VCC: Power Supply and Monitored Voltage Input. Bypass
VCC with a 0.1μF capacitor to GND.
TYPICAL PERFORMANCE CHARACTERISTICS
S0, S1, S2 INPUT VOLTAGE (V)
0
200
3.5
150
100
12
0.5
1.5
2.5
3
4
50
0
250
2935 G07
VCC = 3.6V
MR INPUT VOLTAGE (V)
0
4
3.5
3
2
12
0.5
1.5
2.5
3
4
1
0
5
2935 G08
VCC = 3.6V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com