Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology LTC2935 Datasheet HTML 10Page - Linear Technology LTC2935 Datasheet HTML 11Page - Linear Technology LTC2935 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC2935
9
2935fa
TYPICAL APPLICATIONS
Battery Monitor with Interface to Low Voltage Logic
Alkaline Cell Stack Voltage Monitor
Coin Cell Voltage Monitor
1.18M
1μF
590k
100k
100k
VCC
VDD
μP
POWER FAIL FALLING THRESHOLD = 3.15V
RESET FALLING THRESHOLD = 3.00V
MANUAL
RESET
PUSHBUTTON
*OPTIONAL RESISTOR FOR ADDED ESD PROTECTION
2935 TA02
NMI
RST
S0
S1
Li-Ion
0.1μF
SHDN
IN
OUT
3μA LDO
1.8V
ADJ
PFO
PB1
RST
S2
MR
LTC2935-1
LT3009
RESD*
10k
GND
GND
+
VCC
2935 TA03
S0
S2
1.5V
0.1μF
LOW BATTERY
S1
LTC2935-2
GND
+
1.5V
+
1.5V
+
RST
PFO
MR
POWER FAIL FAIL THRESHOLD = 2.55V
RESET THRESHOLD = 2.40V
SYSTEM RESET
VCC
2935 TA04
S2
S1
CR2032
0.1μF
PFO
RST
S0
MR
LTC2935-2
GND
+
POWER FAIL FAIL THRESHOLD = 2.70V
RESET THRESHOLD = 2.55V
LOW BATTERY
SYSTEM RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com