Electronic Components Datasheet Search
  English  ▼

X  

LTC2935 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 1 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC2935
1
2935fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Ultra-Low Power Supervisor
with Power-Fail Output,
Selectable Thresholds
The LTC®2935 ultra-low power voltage monitor provides
system initialization, power-fail warning and reset gen-
eration functions. Low quiescent current (500nA typical)
makes the LTC2935 an ideal choice for battery-operated
applications.
Three binary threshold-select inputs configure one of
eight integrated reset thresholds, ranging from 1.6V to
3.45V in pre-determined increments. Early warning of an
impending low voltage condition is provided at the power-
fail output (PFO), whose threshold is above the configured
reset threshold. Supervisory circuits monitor VCC and
pull RST low when VCC drops below the configured reset
threshold. When VCC is rising from an under-threshold
condition, an internal reset timer is started after exceeding
the reset threshold by 5%. A 200ms reset timeout delays
the return of the RST output to a high state. A pushbut-
ton switch connected to the MR input is typically used to
force a manual reset. Outputs RST and PFO are available
with open-drain (LTC2935-1/LTC2935-3) or active pull-up
(LTC2935-2/LTC2935-4) circuits. Operating temperature
range is from –40°C to 85°C.
Configurable Low Power Voltage Monitor
n 500nA Quiescent Current
n ±1.5% (Max) Accuracy over Temperature
n Integrated Precision Attenuators
n Eight Pin-Selectable Reset Thresholds
n Eight Pin-Selectable Power-Fail Thresholds
n Early Warning Power-Fail Output
n 200ms Reset Timeout
n Manual Reset Input
n Compact 8-Lead, 2mm
× 2mm DFN and
TSOT-23 (ThinSOT™) Packages
n Portable Equipment
n Battery-Powered Equipment
n Security Systems
n Point-of-Sale Devices
n Wireless Systems
Falling Threshold Selection Table
VCC
VIN
BATTERY
POWERED
SYSTEM
LOGIC
2935 TA01a
S2
S1
0.1μF
PFO
RST
S0
MR
LTC2935-2
GND
LTC2935-1/LTC2935-2
LTC2935-3/LTC2935-4
RESET
THRESHOLD
(V)
POWER-FAIL
THRESHOLD
(V)
RESET
THRESHOLD
(V)
POWER-FAIL
THRESHOLD
(V)
S2S1S0
3.30
3.45
2.44
2.56
Low
Low
Low
3.15
3.30
2.32
2.44
Low
Low
High
3.00
3.15
2.20
2.32
Low
High
High
2.85
3.00
2.08
2.20
Low
High
Low
2.70
2.85
1.96
2.08
High
High
Low
2.55
2.70
1.84
1.96
High
Low
Low
2.40
2.55
1.72
1.84
High
Low
High
2.25
2.40
1.60
1.72
High
High
High
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2935CDC-1-TRMPBF LINER-LTC2935CDC-1-TRMPBF Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935CDC-1-TRPBF LINER-LTC2935CDC-1-TRPBF Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935CDC-2-TRMPBF LINER-LTC2935CDC-2-TRMPBF Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
More results

Similar Description - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
logo
Texas Instruments
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
Ultra-Low Power, Supply Voltage Supervisor
logo
Linear Technology
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com