Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology LTC3025 Datasheet HTML 10Page - Linear Technology LTC3025 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3025
7
3025fd
using the formula in Figure 2. Note that in shutdown the
output is turned off and the divider current will be zero
once COUT is discharged.
The LTC3025 operates at a relatively high gain of –0.7μV/
mA referred to the ADJ input. Thus a load current change
of 1mA to 300mA produces a –0.2mV drop at the ADJ
input. To calculate the change referred to the output sim-
ply multiply by the gain of the feedback network (i. e. ,1
+ R2/R1). For example, to program the output for 1.2V
choose R2/R1 = 2. In this example, an output current
change of 1mA to 300mA produces –0.2mV • (1 + 2) =
0.6mV drop at the output.
Because the ADJ pin is relatively high impedance (depend-
ing on the resistor divider used) , stray capacitance at this
pin should be minimized (<10pF) to prevent phase shift
in the error amplifier loop. Additionally, special attention
should be given to any stray capacitances that can couple
external signals onto the ADJ pin producing undesirable
output ripple. For optimum performance connect the ADJ
pin to R1 and R2 with a short PCB trace and minimize all
other stray capacitance to the ADJ pin.
()
OUT
R1
R2
3025 F02
COUT
R2
R1
VOUT = 0.4V 1
ADJ
GND
Figure 2. Programming the LTC3025
APPLICATIONS INFORMATION
Output Capacitance and Transient Response
The LTC3025 is designed to be stable with a wide range of
ceramic output capacitors. The ESR of the output capaci-
tor affects stability, most notably with small capacitors. A
minimum output capacitor of 1μF with an ESR of 0.05Ω
or less is recommended to ensure stability. The LTC3025
is a micropower device and output transient response
will be a function of output capacitance. Larger values
of output capacitance decrease the peak deviations and
provide improved transient response for larger load current
changes. Note that bypass capacitors used to decouple
individual components powered by the LTC3025 will
increase the effective output capacitor value. High ESR
tantalum and electrolytic capacitors may be used, but
a low ESR ceramic capacitor must be in parallel at the
output. There is no minimum ESR or maximum capacitor
size requirements.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common di-
electrics used are Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but exhibit large voltage and tem-
perature coefficients as shown in Figures 3 and 4. When
used with a 2V regulator, a 1μF Y5V capacitor can lose as
much as 75% of its initial capacitance over the operating
DC BIAS VOLTAGE (V)
3025 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
X5R
Y5V
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
Figure 3. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
–100
–80
–60
–40
–20
X5R
Y5V
20
–25
025
50
3025 F04
75
0
BOTH CAPACITORS ARE 1μF,
10V, 0603 CASE SIZE
Figure 4. Ceramic Capacitor Temperature Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com