Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 1 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3025
1
3025fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
300mA Micropower
VLDO Linear Regulator
The LTC
®3025 is a micropower, VLDOTM (very low drop-
out) linear regulator which operates from input voltages as
low as 0.9V. The device is capable of supplying 300mA of
output current with a typical dropout voltage of only 45mV.
A BIAS supply is required to run the internal reference and
LDO circuitry while output current comes directly from
the IN supply for high efficiency regulation. The low 0.4V
internal reference voltage allows the LTC3025 output to
be programmed to much lower voltages than available in
common LDOs (range of 0.4V to 3.6V). The output voltage
is programmed via two ultrasmall SMD resistors.
The LTC3025’s low quiescent current makes it an ideal
choice for use in battery-powered systems. For 3-cell
NiMH and single cell Li-Ion applications, the BIAS voltage
can be supplied directly from the battery while the input
can come from a high efficiency buck regulator, providing
a high efficiency, low noise output.
Other features include high output voltage accuracy,
excellent transient response, stability with ultralow ESR
ceramic capacitors as small as 1μF, short-circuit and
thermal overload protection and output current limiting.
The LTC3025 is available in a tiny, low profile (0.75mm)
6-lead DFN (2mm
× 2mm) package.
1.2V Output Voltage from 1.5V Input Supply
n Wide Input Voltage Range: 0.9V to 5.5V
n Stable with Ceramic Capacitors
n Very Low Dropout: 45mV at 300mA
n Adjustable Output Range: 0.4V to 3.6V
n
±2% Voltage Accuracy over Temperature
Supply Load
n Low Noise: 80μVRMS (10Hz to 100kHz)
n BIAS Voltage Range: 2.5V to 5.5V
n Fast Transient Recovery
n Shutdown Disconnects Load from VIN and VBIAS
n Low Operating Current: IIN = 4μA, IBIAS = 50μA Typ
n Low Shutdown Current: IIN = 1μA, IBIAS = 0.01μA Typ
n Output Current Limit
n Thermal Overload Protection
n Available in 6-Lead (2mm
× 2mm) DFN Package
n Low Power Handheld Devices
n Low Voltage Logic Supplies
n DSP Power Supplies
n Cellular Phones
n Portable Electronic Equipment
n Handheld Medical Instruments
n Post Regulator for Switching Supply Noise Rejection
1MHz VIN Supply Rejection
LTC3025
BIAS
0.1μF
1.5V
1μF
0.1μF
Li-Ion
OR
3-CELL
NiMH
IN
SHDN
OUT
80.6k
VOUT = 1.2V
IOUT ≤ 300mA
40.2k
3025 TA01
ADJ
GND
OFF ON
1.5V HIGH
EFFICIENCY
DC/DC
BUCK
VIN (V)
1.2
0
5
15
20
25
50
35
1.6
2.0
2.2
3025 TA01b
10
40
45
30
1.4
1.8
2.4
2.6
BIAS = 3.6V
VOUT = 1.2V
IOUT = 100mA
IOUT = 300mA
COUT = 1μF
COUT = 10μF
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and VLDO
and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LTC3025

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
LTC3025 LINER-LTC3025 Datasheet
251Kb / 14P
500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC3025 LINER-LTC3025 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LTC3025 LINER-LTC3025 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LTC3025 LINER-LTC3025 Datasheet
192Kb / 16P
100mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LTC3025

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
300mA, Micropower, VLDO Linear Regulator
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750 Datasheet
474Kb / 13P
300mA, Micropower, Dual Channel VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com