Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 3 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3025
3
3025fd
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LTC3025 regulator is tested and specified under pulse
load conditions such that TJ ≈ TA. The LTC3025 is 100% production
tested at 25°C. Performance at –40°C and 125°C is assured by design,
characterization and correlation with statistical process control. The
LTC3025I is guaranteed to meet performance specifications over the full
–40°C and 125°C operating junction temperature range.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V, VBIAS = 3.6V, VOUT = 1.2V, COUT = 1μF, CIN = 0.1μF,
CBIAS = 0.1μF (all capacitors ceramic) unless otherwise noted. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN to VOUT Dropout Voltage (Notes 4, 6, 7)
VBIAS = 2.8V, VIN = 1.5V, VADJ = 0.37V, IOUT = 300mA
l
45
100
mV
VBIAS to VOUT Dropout Voltage (Note 4)
l
1.4
V
IOUT Continuous Output Current
l
300
mA
IOUT Current Limit
VADJ = 0V
680
mA
en Output Voltage Noise
f = 10Hz to 100kHz, IOUT = 300mA
80
μVRMS
VIH SHDN Input High Voltage
l
0.9
V
VIL SHDN Input Low Voltage
l
0.3
V
IIH SHDN Input High Current
SHDN = 1.2V
–1
1
μA
IL SHDN Input Low Current
SHDN = 0V
–1
1
μA
Note 4: For the LTC3025, a regulated output voltage will only be available
when the minimum IN and BIAS Operating Voltages as well as the IN to
OUT and BIAS to OUT Dropout Voltages are all satisfied.
Note 5: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 6: Dropout voltage is minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to VIN – VDROPOUT.
Note 7: The DFN output FET on-resistance in dropout is guaranteed by
correlation to wafer level measurements.
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage vs IOUT
Operating BIAS Current
vs Output Load
BIAS No Load Operating Current
IOUT (mA)
0
70
60
50
40
30
20
10
0
150
250
3025 G01
50
100
200
300
TA = –40°C
TA = 125°C
TA = 25°C
VBIAS = 2.8V
IOUT (mA)
0.01
150
200
250
10
1000
3025 G02
100
50
0
0.1
1
100
300
350
400
–40°C
25°C
125°C
VBIAS (V)
2.5
30
40
4
5
3025 G03
20
10
0
3
3.5
4.5
60
50
70
80
5.5
VIN = 1.5V
VOUT = 1.2V
125°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com