Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology LTC3025 Datasheet HTML 10Page - Linear Technology LTC3025 Datasheet HTML 11Page - Linear Technology LTC3025 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3025
9
3025fd
APPLICATIONS INFORMATION
The LTC3025 will cycle in and out of thermal shutdown
without latch-up or damage until the overstress condition
is removed. Long term overstress (TJ > 125°C) should be
avoided as it can degrade the performance or shorten the
life of the part.
Soft-Start Operation
The LTC3025 includes a soft-start feature to prevent
excessive current flow during start-up. When the LDO is
enabled, the soft-start circuitry gradually increases the LDO
reference voltage from 0V to 0.4V over a period of about
600μs. There is a short 700μs delay from the time the
part is enabled until the LDO output starts to rise. Figure 5
shows the start-up and shutdown output waveform.
VOUT Start-Up and Supply Sequencing
During power-up, the output shutdown circuitry is not
active below VIN of about 0.65V DC (typical). As a result,
the output voltage can drift up during power-up due to
leakage current (<1 mA typical) from VIN to VOUT. At 0.9V
input, the shutdown circuitry is active and the output is
actively held off. This usually causes no circuit problems
and is similar to 3-terminal regulators such as the LT3080,
LT1086 and LT317 which have no ground pin and can have
the output rise under some conditions. A slowly rising
VIN with the part enabled may result in non-monotonic
ramping of VOUT due to LDO circuitry becoming active at
VIN of about 0.65V (typical) as well.
With fast rising inputs (>1V/ms) or with sufficient resis-
tive load on VOUT, output voltage rise during power-up is
reduced or eliminated. Such conditions also reduce or
eliminate non-monotonic initial power-up with the part
enabled. If VBIAS is sequenced up before VIN, the leakage
current from VIN to VOUT may increase until the shutdown
circuitry is active at a VIN of about 0.65V typical. Thus,
to minimize VOUT rise during start-up, sequence up VIN
before VBIAS. At VIN = 0.9V, the output is actively held off
in shutdown or it is actively held on when enabled under
all conditions.
OFF
1.2V
0V
ON
SHDN
VOUT
200mV/DIV
TA = 25°C
VIN = 1.5V
VBIAS = 3.6V
COUT = 1μF
RLOAD = 4Ω
500μs/DIV
3025 F05
Figure 5. Output Start-Up and Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com