Electronic Components Datasheet Search
  English  ▼

X  

LTC3025 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 5 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3025
5
3025fd
VIN (V)
1.2
0
5
15
20
25
50
35
1.6
2.0
2.2
3025 G12
10
40
45
30
1.4
1.8
2.4
2.6
VBIAS = 3.6V
VOUT = 1.2V
IOUT = 100mA
IOUT = 300mA
COUT = 1μF
COUT = 10μF
250mA
10mA
IOUT
VOUT
AC
10mV/DIV
VIN = 1.5V
VOUT = 1.2V
VBIAS = 3.6V
COUT = 1μF
100μs/DIV
3025 G13
TYPICAL PERFORMANCE CHARACTERISTICS
3MHz VIN Supply Rejection
Transient Response
PIN FUNCTIONS
BIAS (Pin 1): BIAS Input Voltage. BIAS provides internal
power for LTC3025 circuitry. The BIAS pin should be lo-
cally bypassed to ground if the LTC3025 is more than a
few inches away from another source of bulk capacitance.
In general, the output impedance of a battery rises with
frequency, so it is usually advisable to include an input
bypass capacitor in battery-powered circuits. A capacitor
in the range of 0.01μF to 0.1μF is usually sufficient.
GND (Pin 2): Ground. Connect to a ground plane.
IN (Pin 3): Input Supply Voltage. The output load current
is supplied directly from IN. The IN pin should be locally
bypassed to ground if the LTC3025 is more than a few inches
away from another source of bulk capacitance. In general,
the output impedance of a battery rises with frequency, so
it is usually advisable to include an input bypass capacitor
when supplying IN from a battery. A capacitor in the range
of 0.1μF to 1μF is usually sufficient.
OUT (Pin 4): Regulated Output Voltage. The OUT pin
supplies power to the load. A minimum ceramic output
capacitor of at least 1μF is required to ensure stability.
Larger output capacitors may be required for applications
with large transient loads to limit peak voltage transients.
See the Applications Information section for more informa-
tion on output capacitance.
ADJ (Pin 5): Adjust Input. This is the input to the error
amplifier. The ADJ pin reference voltage is 0.4V referenced
to ground. The output voltage range is 0.4V to 3.6V and is
typically set by connecting ADJ to a resistor divider from
OUT to GND. See Figure 2.
SHDN (Pin 6): Shutdown Input, Active Low. This pin is
used to put the LTC3025 into shutdown. The SHDN pin
current is typically less than 10nA. The SHDN pin cannot
be left floating and must be tied to a valid logic level (such
as BIAS) if not used.
GND (Exposed Pad Pin 7): Ground and Heat Sink. Must
be soldered to PCB ground plane or large pad for optimal
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com