| Electronic Components Datasheet Search |
|
LTC3035 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3035 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 12 page ![]() LTC3035 7 3035f Figure 2. Output Step Response Adjustable Output Voltage The output voltage is set by the ratio of two external resistors as shown in Figure 4. The device servos the output to maintain the ADJ pin voltage at 0.4V (referenced to ground). Thus the current in R1 is equal to 0.4V/R1. For good transient response, stability and accuracy the current in R1 should be at least 8 µA, thus the value of R1 should be no greater than 50k. The current in R2 is the current in R1 plus the ADJ pin bias current. Since the ADJ pin bias current is typically <10nA it can be ignored in the output voltage calculation. The output voltage can be calculated using the formula in Figure 4. Note that in shutdown the output is turned off and the divider current will be zero once COUT is discharged. The LTC3035 operates at a relatively high gain of –0.7 µV/mA referred to the ADJ input. Thus a load current change of 1mA to 300mA produces a – 0.2mV drop at the ADJ input. To calculate the change refered to the output simply multiply by the gain of the feedback network (i.e., 1 + R2/R1). For example, to program the output for 3.3V choose R2/R1 = 7.25. In this example an output current change of 1mA to 300mA produces –0.2mV • (1 + 7.25) = 1.65mV drop at the output. Output Capacitance and Transient Response The LTC3035 is designed to be stable with a wide range of ceramic output capacitors. The ESR of the output capaci- tor affects stability, most notably with small capacitors. An output capacitor of 1 µF or greater with an ESR of 0.05Ω or less is recommended to ensure stability. The LTC3035 is a micropower device and output transient response will be a function of output capacitance. Larger values of output capacitance decrease the peak deviations and provide improved transient response for larger load current changes. Note that bypass capacitors used to decouple individual components powered by the LTC3035 will increase the effective output capacitor value. High ESR tantalum and electrolytic capacitors may be used, but a low ESR ceramic capacitor must be in parallel at the output. There is no minimum ESR or maximum capacitor size requirements. Extra consideration must be given to the use of ceramic capacitors. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior across temperature and applied voltage. The most common di- electrics used are Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are good for providing high capacitances in a small package, but exhibit strong voltage and tem- perature coefficients as shown in Figures 5 and 6. When used with a 3.3V regulator, a 1 µF Y5V capacitor can lose as much as 80% of its rated capacitance over the operating VOUT 20mV/DIV AC IOUT 300mA 200 µs/DIV VIN = 3.6V VOUT = 3.3V COUT = 1µF 3035 F02 0mA ON OFF VBIAS 2V/DIV VOUT 2V/DIV 0V SHDN 500 µs/DIV VIN = 3.6V VOUT = 3.3V COUT = 1µF CBIAS = 1µF 3035 F03 0V Figure 4. Programming the LTC3035 Figure 3. Bias and Output Start-Up Waveforms VOUT COUT R2 VOUT = 0.4V 3035 F04 R1 ADJ GND R2 R1 1 + () APPLICATIO S I FOR ATIO |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |