Electronic Components Datasheet Search
  English  ▼

X  

LTC3035 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 4 Page - Linear Technology

  LTC3035 Datasheet HTML 1Page - Linear Technology LTC3035 Datasheet HTML 2Page - Linear Technology LTC3035 Datasheet HTML 3Page - Linear Technology LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3035
4
3035f
TYPICAL PERFOR A CE CHARACTERISTICS
VIN Ripple Rejection vs Frequency
Current Limit vs Input Voltage
VIN (V)
1.5
500
600
700
5.5
5
3035 G10
400
300
0
2
3
4
2.5
3.5
4.5
100
200
900
800
VOUT = 0V
Transient Response
VOUT
20mV/DIV
AC
IOUT
300mA
200
µs/DIV
VIN = 3.6V
VOUT = 3.3V
COUT = 1µF
3035 G11
10mA
BIAS Output Ripple
VBIAS
50mV/DIV
AC
VOUT
5mV/DIV
AC
500
µs/DIV
VIN = 3.6V
VOUT = 3.3V
CBST = 1µF
CFLY = 0.1µF
COUT = 1µF
IOUT = 1mA
3035 G12
FREQUENCY (Hz)
100
50
60
70
1M
3035 G13
40
30
1k
10k
100k
10M
20
10
0
COUT = 10µF
VIN = 3.6V
VOUT = 3.3V
IOUT = 100mA
COUT = 1µF
BIAS Voltage vs Input Voltage
SHDN Threshold (Rising)
vs Temperature
SHDN Threshold (Falling)
vs Temperature
VIN (V)
0
0
1
2
3
4
6
1
234
3035 G07
5
0.5
1.5
2.5
3.5
4.5
5.5 6
5
TEMPERATURE (
°C)
–45
400
500
700
1000
5
55
80
3035 G08
600
900
800
–20
30
105
130
VIN = 1.7V
VIN = 3.6V
VIN = 5.5V
TEMPERATURE (
°C)
–45
400
500
700
1000
5
55
80
3035 G09
600
900
800
–20
30
105
130
VIN = 1.7V
VIN = 3.6V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com