Electronic Components Datasheet Search
  English  ▼

X  

LTC3035 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 5 Page - Linear Technology

  LTC3035 Datasheet HTML 1Page - Linear Technology LTC3035 Datasheet HTML 2Page - Linear Technology LTC3035 Datasheet HTML 3Page - Linear Technology LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3035
5
3035f
BLOCK DIAGRA
BIAS
UVLO
BIAS
5V
1.9 • VIN
CP
800kHz
OSCILLATOR
CHARGE
PUMP
EN
REFERENCE
SHDN
0.400V
SOFT-START
BIAS
2.5k
8
1
CM
2
OUT
5
ADJ
6
VMIN
VIN
4
SHDN
7
GND
PINS 3, 9
3035 BD
PI FU CTIO S
CP (Pin 1): Flying Capacitor Positive Terminal.
CM (Pin 2): Flying Capacitor Negative Terminal.
GND (Pin 3): Ground. Connect to a ground plane.
IN (Pin 4): Input Supply Voltage. The output load current
is supplied directly from IN. The IN pin should be locally
bypassed to ground if the LTC3035 is more than a few
inches away from another source of bulk capacitance. In
general, the output impedance of a battery rises with
frequency, so it is usually adviseable to include an input
bypass capacitor when supplying IN from a battery. A
capacitor of 1
µF is usually sufficient.
OUT (Pin 5): Regulated Output Voltage. The OUT pin
supplies power to the load. A minimum ceramic output
capacitor of at least 1
µF is required to ensure stability.
Larger output capacitors may be required for applications
with large transient loads to limit peak voltage transients.
See the Applications Information section for more infor-
mation on output capacitance.
ADJ (Pin 6): Adjust Input Pin. This is the input to the error
amplifier. The ADJ pin reference voltage is 0.4V referenced
to ground. The output voltage range is 0.4V to 3.6V and is
set by connecting ADJ to a resistor divider from OUT to
GND.
SHDN (Pin 7): Shutdown Input, Active Low. This pin is
used to put the LTC3035 into shutdown. The SHDN pin
current is typically less than 10nA. The SHDN pin cannot
be left floating and must be tied to a valid logic level if
not used.
BIAS (Pin 8): BIAS Output Voltage Pin. BIAS is the output
of the charge pump and provides the high side supply for
the LTC3035 LDO circuitry. This pin should be locally
bypassed to ground by a 1
µF or greater capacitor as close
as possible to the pin. Nothing else should be connected
to this pin.
Exposed Pad (Pin 9): Ground and Heat Sink. Must be
soldered to PCB ground plane or large pad for optimal
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com