Electronic Components Datasheet Search
  English  ▼

X  

LTC3035 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 3 Page - Linear Technology

  LTC3035 Datasheet HTML 1Page - Linear Technology LTC3035 Datasheet HTML 2Page - Linear Technology LTC3035 Datasheet HTML 3Page - Linear Technology LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3035
3
3035f
TYPICAL PERFOR A CE CHARACTERISTICS
Dropout Voltage vs Load Current
ADJ Voltage vs Input Voltage
ADJ Voltage vs Temperature
VIN Shutdown Current
VIN No Load Operating Current
VIN No Load Operating Current
IOUT (mA)
0
70
60
50
40
30
20
10
0
150
250
3035 G01
50
100
200
300
TA = 125°C
TA = –40°C
TA = 25°C
VIN (V)
0
0
1.0
2.0
3.0
1
2
34
LT1108 • TPC12
5
4.0
5.0
0.5
1.5
2.5
3.5
4.5
6
TA = –40°C
TA = 85°C
TA = 25°C
VIN (V)
3
115
110
105
100
95
90
85
80
4.5
5.5
3035 G03
3.5
4
56
VOUT = 3.3V
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
VIN (V)
0
60
70
80
90
100
120
1
23
4
3035 G04
56
110
VOUT = 1.5V
TA = –40°C
TA = 25°C
TA = 125°C
TA = 85°C
TEMPERATURE (
°C)
–45
396
397
399
400
401
402
403
–5
35
55
3035 G05
398
–25
15
75
95
115
404
VOUT = 3.3V
VIN (V)
0
4
3035 G06
2
1
5
36
404
403
402
401
400
399
398
397
396
VOUT = 1.5V
ELECTRICAL CHARACTERISTICS
Note 5: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must
be limited.
Note 6: Dropout voltage is minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to VIN – VDROPOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com