Electronic Components Datasheet Search
  English  ▼

X  

LTC3035 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3035
Description  300mA VLDO Linear Regulator with Charge Pump Bias Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3035 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3035 Datasheet HTML 4Page - Linear Technology LTC3035 Datasheet HTML 5Page - Linear Technology LTC3035 Datasheet HTML 6Page - Linear Technology LTC3035 Datasheet HTML 7Page - Linear Technology LTC3035 Datasheet HTML 8Page - Linear Technology LTC3035 Datasheet HTML 9Page - Linear Technology LTC3035 Datasheet HTML 10Page - Linear Technology LTC3035 Datasheet HTML 11Page - Linear Technology LTC3035 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3035
8
3035f
temperature range. The X5R only loses about 40% of its
rated capacitance over the operating temperature range.
The X5R and X7R dielectrics result in more stable charac-
teristics and are more suitable for use as the output
capacitor. The X7R type has better stability across tem-
perature and bias voltage, while the X5R is less expensive
and is available in higher values. In all cases, the output
capacitance should never drop below 0.4
µF, or instability
or degraded performance may occur.
Charge Pump Component Selection
The flying capacitor controls the strength of the charge
pump. In order for the charge pump to deliver its maximum
available current, a 0.1
µF or greater ceramic capacitor
should be used.
Warning: A polarized capacitor such as
tantalum or aluminum should never be used for the flying
capacitor since its voltage can reverse upon start-up of the
LTC3035. Low ESR ceramic capacitors should always be
used for the flying capacitor.
A 1
µF or greater low ESR (<0.1Ω) ceramic capacitor is
recommended to bypass the BIAS pin. Larger values of
capacitance will not reduce the size of the BIAS ripple
much, but will decrease the ripple frequency proportion-
ally. The BIAS pin should maintain 0.4
µF of capacitance at
all times to ensure correct operation. High ESR tantalum
and electrolytic capacitors may be used, but a low ESR
ceramic must be used in parallel for correct operation. It
is also recommended that IN be bypassed to ground with
a 1
µF or greater ceramic capacitor.
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125
°C). The
power dissipated by the device will be the output current
multiplied by the input/output voltage differential:
(IOUT)(VIN – VOUT)
The LTC3035 has internal thermal limiting designed to
protect the device during momentary overload conditions.
For continuous normal conditions, the maximum junction
temperature rating of 125
°C must not be exceeded. It is
important to give careful consideration to all sources of
thermal resistance from junction to ambient. Additional
heat sources mounted nearby must also be considered.
For surface mount devices, heat sinking is accomplished
by using the heat-spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through holes can also be used to spread the heat
generated by power devices.
A junction to ambient thermal coefficient of 76
°C/W is
achieved by connecting the Exposed Pad of the DFN
package directly to a ground plane of about 2500mm2.
Figure 6. Ceramic Capacitor Temperature Characteristics
Figure 5. Ceramic Capacitor DC Bias Characteristics
DC BIAS VOLTAGE (V)
3035 F05
20
0
–20
–40
–60
–80
–100
0
2
45
6
13
X5R
Y5V
BOTH CAPACITORS ARE 1
µF,
6.3V, 0402 CASE SIZE
TEMPERATURE (
°C)
–50
–100
–80
–60
–40
–20
X5R
Y5V
20
–25
025
50
3035 F06
75
0
BOTH CAPACITORS ARE 1
µF,
6.3V, 0402 CASE SIZE
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com