Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology LTC3427 Datasheet HTML 10Page - Linear Technology LTC3427 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC3427
3427fa
APPLICATIO S I FOR ATIO
+
SW
LTC3427
1
GND
MINIMIZE
TRACE ON FB
2
VIN
MULTIPLE VIAS
TO GROUND PLANE
VIN
VOUT
FB
SHDN
3427 F01
3
6
5
4
Figure 1. Recommended Component Placement for a Single Layer Board. Traces Carrying High Current are Direct (GND, SW, VIN,
VOUT). Trace Area at FB is Kept Low. Lead Length to Battery Should be Kept Short. VIN and VOUT Ceramic Capacitors Should be as
Close to the LTC3427 as Possible. A Multilayer Board with a Separate Ground Plane is Ideal, but not Absolutely Necessary
COMPONENT SELECTION
Inductor Selection
The LTC3427 can utilize small surface mount and chip
inductors due to its fast 1.25MHz switching frequency. A
minimum inductance value of 3.3
µH is necessary for 3.6V
and lower voltage applications and a 4.7
µH for output
voltages greater than 3.6V. Larger values of inductance
will allow greater output current capability by reducing the
inductor ripple current. Increasing the inductance above
10
µH will increase size while providing little improvement
in output current capability.
The approximate output current capability of the LTC3427
vs Inductance value is given below in Equation 1 and
illustrated graphically in Figure 2.
In
I
VD
fL
D
OUT MAX
P
IN
()
•–
•
••
•–
=
⎛
⎝⎜
⎞
⎠⎟ ()
2
1
(1)
where:
n = estimated efficiency
IP = peak current limit value (0.5A min)
VIN = input (battery) voltage
D = steady-state duty ratio = (VOUT – VIN)/VOUT
f = switching frequency (1.25MHz typical)
L = inductance value
The inductor current ripple is typically set for 20% to 40%
of the maximum inductor current (IP). High frequency
ferrite core inductor materials reduce frequency depen-
dent power losses compared to cheaper powdered iron
types, improving efficiency. The inductor should have low
ESR (series resistance of the windings) to reduce the I2R
power losses, and must be able to handle the peak
inductor current without saturating. Molded chokes and
some chip inductors usually do not have enough core to
support the peak inductor currents of greater than 500mA
seen on the LTC3427. To minimize radiated noise, use a
toroid, pot core or shielded bobbin inductor. See Table 1
for suggested suppliers.
Output and Input Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used to minimize the output voltage ripple. Multilayer
ceramic capacitors are an excellent choice as they have
extremely low ESR and are available in small footprints. A
2.2
µF to 10µF output capacitor is sufficient for most
applications. Larger values up to 22
µF may be used to
obtain extremely low output voltage ripple and improve
transient response. An additional phase lead capacitor
may be required with output capacitors larger than 10
µFto
maintain acceptable phase margin. X5R and X7R dielec-
tric materials are preferred for their ability to maintain
capacitance over wide voltage and temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com