Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 4 Page - Linear Technology

  LTC3427 Datasheet HTML 1Page - Linear Technology LTC3427 Datasheet HTML 2Page - Linear Technology LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC3427
3427fa
RDS(ON) vs Temperature
VIN Supply Current (No Load)
FB Voltage vs Temperature
Efficiency vs VIN
Frequency Accuracy
vs Temperature
SW Pin Anti-Ringing Operation
INDUCTOR
CURRENT
50mA/DIV
SW
2V/DIV
VIN = 1.8V
VOUT = 3.3V
COUT = 4.7µF
L = 4.7
µH
200ns/DIV
3427 G10
TEMPERATURE (
°C)
–45
1.23
1.24
1.25
–30 –15
0
15
3427 G07
30
45
60
75
90
VIN = 2.4V
VOUT = 3.3V
VIN (V)
1.5
40
50
70
100
2.5
3.5
3427 G08
60
90
80
4.5
VOUT = 3.3V
IOUT = 100mA
VIN > VOUT
PMOS LDO MODE
TEMPERATURE (
°C)
–45
1.15
1.30
–15
15
30
90
3427 G09
1.20
1.35
1.25
–30
0
45
60
75
VIN = 2.4V
VOUT = 3.3V
TEMPERATURE (
°C)
–45
0.35
0.65
0.55
–15
15
30
90
3427 G11
0.45
0.40
0.70
0.60
0.50
–30
0
45
60
75
VIN = 2.4V
VOUT = 3.3V
PMOS
NMOS
VIN (V)
1.5
0.30
0.40
0.35
0.45
2.5
3.5
5.5
3427 G12
4.5
TA = 25°C
VIN = VOUT = VFB
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified.
Current Limit
TEMPERATURE (
°C)
–45
0.50
0.70
–15
15
30
90
3427 G06
0.60
0.90
0.80
–30
0
45
60
75
VIN = 2.4V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com