Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 3 Page - Linear Technology

  LTC3427 Datasheet HTML 1Page - Linear Technology LTC3427 Datasheet HTML 2Page - Linear Technology LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3427
3427fa
TYPICAL PERFOR A CE CHARACTERISTICS
2-Cell Alkaline to 3.3V Efficiency
Li-Ion to 5V Efficiency
2-Cell Alkaline to 5V Efficiency
Inrush Current Control
Load Transient Response
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3427E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current is measured into the V
OUT pin since the supply current is
bootstrapped to the output. The current will reflect to the input supply by:
(V
OUT/VIN) • Efficiency. The outputs are not switching.
ELECTRICAL CHARACTERISTICS
Note 4: Specification is guaranteed by design and not 100% tested in
production.
Note 5: The LTC3427 includes an overtemperature shutdown that is
intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125
°C when the overtemperature
shutdown is active. Continuous operation above the specified maximum
operating junction temperature may impair device reliability.
LOAD CURRENT (mA)
1
70
75
80
85
90
10
100
1000
3427 G01
65
60
55
50
95
100
VIN = 3.1V
VIN = 1.8V
VIN = 2.4V
LOAD CURRENT (mA)
1
70
75
80
85
90
10
100
1000
3427 G02
65
60
55
50
95
100
VIN = 4.2V
VIN = 3.1V
VIN = 3.6V
LOAD CURRENT (mA)
1
70
75
80
85
90
10
100
1000
3427 G03
65
60
55
50
95
100
VIN = 3.2V
VIN = 1.8V
VIN = 2.4V
VOUT
1V/DIV
SHDN
5V/DIV
VIN = 2.4V
COUT = 22µF
L = 4.7
µH
500
µs/DIV
3427 G04
INDUCTOR
CURRENT
100mA/DIV
VOUT
100mV/DIV
AC COUPLED
IOUT
40mA
TO 100mA
VIN = 1.8V
VOUT = 3.3V
COUT = 4.7µF
L = 4.7
µH
100
µs/DIV
3427 G05
TA = 25°C unless otherwise specified.
500ns/DIV
VIN = 2.4V
VOUT = 3.3V
L = 4.7
µH
CIN = 2.2µF
COUT = 4.7µF
3427 G13
ILOAD
10mA
ILOAD
50mA
ILOAD
100mA
VOUT Ripple, AC Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com