Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 5 Page - Linear Technology

  LTC3427 Datasheet HTML 1Page - Linear Technology LTC3427 Datasheet HTML 2Page - Linear Technology LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC3427
3427fa
BLOCK DIAGRA
Σ
+
–
+
IZERO
COMP
VOUT
1.8V TO 5.25V
GAIN ERROR
AMPLIFIER
CURRENT
SENSE
1.24V
1V
BULK CONTROL
SIGNALS
L1
4.7
µH
OPTIONAL
VIN
ANTIRING
SHDN
SHDN
PWM
LOGIC
AND
DRIVERS
START-UP
SOFT-START
SHUTDOWN
AND
VBIAS
THERMAL
SHUTDOWN
SLOPE COMPENSATION
OSCILLATOR
REFERENCE
PWM
COMP
ILIM
REF
+
+
–
+
1.24V
4
VIN
3
SW
VOUT
1
6
FB
R1
COUT
4.7
µF
R2
5
GND
3427 BD
2
EXPOSED PAD
7
CIN
2.2
µF
VIN
1.8V TO 5V
SW (Pin 1): Switch Pin for the Inductor Connection.
Minimize trace length between SW and the inductor. For
discontinuous inductor current, an internal 200
Ω imped-
ance is connected from SW to VIN to eliminate high
frequency ringing, reducing EMI radiation.
GND (Pin 2): Signal and Power Ground. Provide a short,
direct PCB path between GND and the (–) side of the input
and output capacitor(s).
VIN (Pin 3): Input Supply Voltage. Connect VIN to the input
supply and decouple with a 2.2
µF or larger ceramic
capacitor as close to VIN as possible.
SHDN (Pin 4): Shutdown Input. Less than 350mV on
SHDN shuts down the LTC3427. Placing 1V or more on
SHDN enables the LTC3427.
FB (Pin 5): Feedback Input to the Error Amplifier. Connect
resistor divider tap to this pin. Referring to the Block
Diagram, VOUT can be adjusted from 1.8V to 5.25V by:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
124
1
1
2
.•
VOUT (Pin 6): Output Voltage Sense Input and Drain of the
Internal Synchronous Rectifier MOSFET. Driver bias is
derived from VOUT. PCB trace length from VOUT to the
output filter capacitor(s) should be as short and wide as
possible.
Exposed Pad (Pin 7): Ground for the LTC3427. This pin
must be soldered to the PCB ground plane for electrical
connection and rated thermal performance.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com