Electronic Components Datasheet Search
  English  ▼

X  

LTC3427 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3427
Description  500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3427 Datasheet(HTML) 1 Page - Linear Technology

  LTC3427 Datasheet HTML 1Page - Linear Technology LTC3427 Datasheet HTML 2Page - Linear Technology LTC3427 Datasheet HTML 3Page - Linear Technology LTC3427 Datasheet HTML 4Page - Linear Technology LTC3427 Datasheet HTML 5Page - Linear Technology LTC3427 Datasheet HTML 6Page - Linear Technology LTC3427 Datasheet HTML 7Page - Linear Technology LTC3427 Datasheet HTML 8Page - Linear Technology LTC3427 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC3427
3427fa
■ Handheld Instruments
■ Digital Cameras
■
Wireless Handsets
■ GPS Receivers
■ Portable Medical Devices
■
MP3 Players
2-Cell Alkaline to 3.3V Synchronous Boost Converter
500mA, 1.25MHz
Synchronous Step-Up
DC/DC Converter in
2mm
× 2mm DFN Package
■ High Efficiency: Up to 94%
■ 3.3V at 200mA from Two Alkaline Cells
■ 5V at 200mA from a Single Li-Ion Cell
■ Inrush Current Limiting and Soft-Start
■ Output Disconnect in Shutdown
■ 1.8V to 5V VIN Range
■ 1.8V to 5.25V VOUT Range
■ 1.25MHz Fixed Frequency, Low Noise PWM
■ Internal Synchronous Rectifier
■ Logic Controlled Shutdown (<1
µA)
■ Anti-Ringing Control Minimizes EMI
■ Tiny External Components
■ Short-Circuit Protection
■ Low Profile (0.75mm
× 2mm × 2mm) DFN Package
2.4V to 3.3V Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3427 is the industry’s first high efficiency, fixed
frequency, step-up DC/DC converter with true output
disconnect in a 6-lead 2mm
× 2mm DFN package. Requir-
ing minimal external components, the LTC3427 operates
from an input voltage as low as 1.8V. The LTC3427
contains an internal 0.525
Ω N-channel MOSFET switch
and a 0.575
Ω P-channel MOSFET synchronous rectifier,
which enables it to supply 200mA at 3.3V from a 2-cell
alkaline battery input.
The LTC3427 limits inrush current during start-up and
provides a soft-start of VOUT. A switching frequency of
1.25MHz minimizes solution footprint by allowing the use
of tiny, low profile inductors and ceramic capacitors and
produces very low VOUT ripple. The current mode PWM
design is internally compensated, reducing external parts
count. Anti-ringing control reduces EMI in discontinuous
mode operation. The LTC3427 also features low shut-
down current of under 1
µA and thermal shutdown.
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LOAD CURRENT (mA)
10
70
75
80
85
90
100
10
100
1000
100
1000
3427 TA01b
95
EFFICIENCY
POWER LOSS
VIN
2.2
µF
2-CELL
ALKALINE
VIN
1.8V TO 3.2V
SHDN
GND
1000k
604k
4.7
µF
3427 TA01a
VOUT
3.3V
200mA
SW
OFF ON
LTC3427
4.7
µH
VOUT
FB
+


Similar Part No. - LTC3427

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3427 LINER-LTC3427 Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427EDC LINER-LTC3427EDC Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
More results

Similar Description - LTC3427

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com