Electronic Components Datasheet Search
  English  ▼

X  

UPD6461GS Datasheet(PDF) 34 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 34 Page - NEC

Back Button UPD6461GS Datasheet HTML 30Page - NEC UPD6461GS Datasheet HTML 31Page - NEC UPD6461GS Datasheet HTML 32Page - NEC UPD6461GS Datasheet HTML 33Page - NEC UPD6461GS Datasheet HTML 34Page - NEC UPD6461GS Datasheet HTML 35Page - NEC UPD6461GS Datasheet HTML 36Page - NEC UPD6461GS Datasheet HTML 37Page - NEC UPD6461GS Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
µPD6461, 6462
•
Rimming control bit
This bit is used to specify whether all characters displayed on the screen are rimmed.
Rimming:
Whenever there is a dot at the right or left edge of the display area for a character, rimming of the dot will
encroach into the adjacent character display area. For dots at the top or bottom edge, however, no rim is
added either above the top edge or below the bottom edge, that is, rimming does not encroach into the
character display area above or below. Other dots are rimmed as shown below.
Example
Character dots
Rim
The width of a rim is always 1t (minimum dot) regardless of the character size.
•
Background control bits
These bits are used to select no background, minimum background, or overall background as the background type.
The background color is specified with the background/rim color control command.
No background:
Outputs only character data.
Minimum background: Adds a background of an area that is wider than the character display area by a minimum
of one dot at each side.
Overall background:
Adds a background over the entire screen.
•
Background and rimming in RGB+VC1+VC2 mode
Characters for which the VC2 channel is specified with the displayed character control command are not output to
the RGB or VC1 channel. When background (minimum/overall) is specified for the RGB or VC1 channel, no background
is added to the areas for the VC2-specified characters. By contrast for the VC2 channel, a background is added only
to those areas for VC2-specified characters. (Refer to 1.4 DISPLAY IN RGB+VC1+VC2 MODE and 1.4.4 Display of
VC2-Specified Characters for details of the display of VC2-specified character areas for the RGB or VC1 channel.)
When RGB+3BLK (RGB compatible blanking) mode is selected, only the background control bits for the RGB
channel are valid. Those for the VC1 and VC2 channels are invalid (In RGB+3BLK mode, no pin outputs a signal for
the VC2 channel. The VC1 pin is used to output the logical OR of the R, G, and B outputs.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com