Electronic Components Datasheet Search
  English  ▼

X  

UPD6461GS Datasheet(PDF) 55 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 55 Page - NEC

Back Button UPD6461GS Datasheet HTML 51Page - NEC UPD6461GS Datasheet HTML 52Page - NEC UPD6461GS Datasheet HTML 53Page - NEC UPD6461GS Datasheet HTML 54Page - NEC UPD6461GS Datasheet HTML 55Page - NEC UPD6461GS Datasheet HTML 56Page - NEC UPD6461GS Datasheet HTML 57Page - NEC UPD6461GS Datasheet HTML 58Page - NEC UPD6461GS Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
55
µPD6461, 6462
8. PACKAGE DRAWINGS
NS
C
D
M
M
P
F
G
E
B
L
K
J
detail of lead end
20 PIN PLASTIC SHRINK SOP (300 mil)
NOTE
2. Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
P20GM-65-300B-3
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
0.65 (T.P.)
2.0 MAX.
1.7±0.1
8.1±0.3
0.575 MAX.
K
L
0.12
0.5±0.2
1.0±0.2
6.1±0.2
0.15
M
0.10
0.32
0.125±0.075
N
+0.10
–0.05
0.023 MAX.
0.013
0.005±0.003
0.079 MAX.
0.067
0.319±0.012
0.240±0.008
0.039
0.006
0.020
0.005
0.004
+0.008
–0.009
0.026 (T.P.)
P
3°
3°
+0.004
–0.005
+0.004
–0.002
6.7±0.3
0.264+0.012
–0.013
1. Controlling dimension
millimeter.
S
+0.003
–0.004
+0.08
–0.07
+7°
–3°
+7°
–3°
+0.009
–0.008
20
11
110
A
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com