Electronic Components Datasheet Search
  English  ▼

X  

UPD6461GS Datasheet(PDF) 50 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 50 Page - NEC

Back Button UPD6461GS Datasheet HTML 46Page - NEC UPD6461GS Datasheet HTML 47Page - NEC UPD6461GS Datasheet HTML 48Page - NEC UPD6461GS Datasheet HTML 49Page - NEC UPD6461GS Datasheet HTML 50Page - NEC UPD6461GS Datasheet HTML 51Page - NEC UPD6461GS Datasheet HTML 52Page - NEC UPD6461GS Datasheet HTML 53Page - NEC UPD6461GS Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
50
µPD6461, 6462
6. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceeding
the ratings could cause permanent damage. The parameters apply independently. The device should
be operated within the limits specified under DC and AC Characteristics.
RECOMMENDED OPERATING RANGES
ELECTRICAL CHARACTERISTICS (TA = – 20 to +75
°C)
Remark Signal input : DATA, CLK, CS, PCL, Hsync, Vsync
Signal output: CKOUT, VR, VG, VB, VC1, VC2, VBLK, BLK1, BLK2 (RBLK, GBLK, BBLK)
(
)
: Set by a mask option
Parameter
Supply voltage
Input pin voltage
Output pin voltage
Operating ambient temperature
Storage temperature
Permissible package power dissipation (TA = 75
°C)
Output current
Parameter
Supply voltage
Oscillation frequency (LC oscillation)
Oscillation frequency (external clock)
Operating temperature
Conditions
VDD = 2.7 to 5.5 V
VDD = 2.7 to 5.5 V
Min.
2.7
6.0
4.0
–20
Typ.
Max.
5.5
8.0
8.0
+75
Unit
V
MHz
MHz
˚C
Symbol
VDD
fOSC
fOSC
TA
Parameter
Supply voltage
Supply current 1
Supply current 2
Control input high level voltage
Control input low level voltage
Synchronizing signal input high level voltage
Synchronizing signal input low level voltage
Signal output high level voltage
Signal output low level voltage
Oscillation output low level voltage
Conditions
fOSC = 8.0 MHz, VDD = 5.0 V
fOSC = 8.0 MHz, VDD = 3.0 V
DATA, CLK, CS, PCL
Hsync, Vsync
IOSL = – 1 mA (VDD = 5 V) / – 0.5 mA
(VDD = 3 V)
IOSL = 1 mA (VDD = 5 V) / 0.5 mA
(VDD = 3 V)
CKOUT
IOST = – 0.5 mA (VDD = 5 V)
Min.
2.7
0.7VDD
0.48VDD
0.9VDD
Typ.
5.0
5.0
3.0
Max.
5.5
10.0
6.0
0.3VDD
0.16VDD
0.1VDD
0.1VDD
Unit
V
mA
mA
V
V
V
V
V
V
V
Symbol
VDD
IDD
IDD
VCIH
VCIL
VISH
VISL
VOSH
VOSL
VOST
Symbol
VDD
VIN
VOUT
TA
Tstg
PD
IO
µPD6461GS, 6462GS
µPD6461GT
7
– 0.3 to VDD + 0.3
– 0.3 to VDD + 0.3
– 20 to +75
– 40 to +125
180
320
±5
Unit
V
V
V
°C
°C
mW
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com