Electronic Components Datasheet Search
  English  ▼

X  

UPD6461GS Datasheet(PDF) 36 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 36 Page - NEC

Back Button UPD6461GS Datasheet HTML 32Page - NEC UPD6461GS Datasheet HTML 33Page - NEC UPD6461GS Datasheet HTML 34Page - NEC UPD6461GS Datasheet HTML 35Page - NEC UPD6461GS Datasheet HTML 36Page - NEC UPD6461GS Datasheet HTML 37Page - NEC UPD6461GS Datasheet HTML 38Page - NEC UPD6461GS Datasheet HTML 39Page - NEC UPD6461GS Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
µPD6461, 6462
(1) For MSB-first transfer (Command bits are input starting from the MSB (D15).)
D15
1
D14
1
D13
RV
D12
R
D11
G
D10
B
D9
BL
D8
VC2
D7
C7Note
D6
C6
D5
C5
D4
C4
D3
C3
D2
C2
D1
C1
D0
C0
VC2
0
1
(MSB)
(LSB)
C7Note
0
0
1
1
C6
0
0
1
1
C5
0
0
1
1
C4
0
0
1
1
C3
0
0
1
1
C2
0
0
1
1
C1
0
0
1
1
C0
0
1
0
1
BL
0
1
R
0
0
0
0
1
1
1
1
G
0
0
1
1
0
0
1
1
B
0
1
0
1
0
1
0
1
RV
0
1
Character pattern specification bits
Function
Outputs pattern at address 00H.
Outputs pattern at address 01H.
FEH ( PD6461)/7EH ( PD6462)
(display-off data).
FFH ( PD6461)/7FH ( PD6462)
(Indicates the end of second-byte
continuous input.)
VC2 channel specification bit
Function
Specifies output to VC2 channel.
Does not specify output to
VC2 channel.
Blinking control bit
Function
Disables blinking.
Enables blinking.
Character color specification bits
Color
Black
Blue
Green
Cyan
Red
Magenta
Yellow
White
Reversing control bit
Function
Disables reversing.
Enables reversing.
µ
µ
µµ
Note
C7 bit is “don’t care” at the
µPD6462. However, this data sheet explains the µPD6462 with “0” in the C7 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com