Electronic Components Datasheet Search
  English  ▼

X  

UPD6461GS Datasheet(PDF) 37 Page - NEC

Part # UPD6461GS
Description  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6461GS Datasheet(HTML) 37 Page - NEC

Back Button UPD6461GS Datasheet HTML 33Page - NEC UPD6461GS Datasheet HTML 34Page - NEC UPD6461GS Datasheet HTML 35Page - NEC UPD6461GS Datasheet HTML 36Page - NEC UPD6461GS Datasheet HTML 37Page - NEC UPD6461GS Datasheet HTML 38Page - NEC UPD6461GS Datasheet HTML 39Page - NEC UPD6461GS Datasheet HTML 40Page - NEC UPD6461GS Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
37
µPD6461, 6462
(2) For LSB-first transfer (Command bits are input starting from the LSB (D0). The function of each bit is the same as
that for MSB-first transfer.)
•
Character pattern specification bits
These bits are used to specify the address of the character pattern to be used. Address FEH (
µPD6461)/7EH
(
µPD6462) indicates display-off data and address FFH (µPD6461)/7FH (µPD6462) indicates the end code for second-
byte continuous input. The design of each character pattern can be modified by specifying a mask code option (except
for addresses FEH and FFH (
µPD6461)/7EH and 7FH (µPD6462)).
•VC2 channel specification bit
This bit is used to specify whether each character is output to the VC2 channel. Characters for which the VC2 channel
is specified are not output to the RGB or VC1 channel (This bit is invalid in RGB+3BLK mode).
•
Blinking control bit
This bit is used to enable or disable blinking for each character. Blinking of characters is turned on/off for the entire
screen with the character display control command (refer to 3.2 CHARACTER DISPLAY CONTROL COMMAND).
•
Character color specification bits
These bits are used to specify the color of each character (These bits are valid only for the RGB channel. Only
a single color can be used for the VC1 and VC2 channels).
•
Reversing control bit
This bit is used to enable or disable reversing for each character. The characters of the entire screen are reversed
with the character reverse on/off command (refer to 3.5 CHARACTER REVERSE ON/OFF COMMAND).
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
VC2
BL
B
G
R
RV
1
1
C0C1C2C3C4C5C6C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com