Electronic Components Datasheet Search
  English  ▼

X  

AN1812 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1812 Datasheet HTML 1Page - STMicroelectronics AN1812 Datasheet HTML 2Page - STMicroelectronics AN1812 Datasheet HTML 3Page - STMicroelectronics AN1812 Datasheet HTML 4Page - STMicroelectronics AN1812 Datasheet HTML 5Page - STMicroelectronics AN1812 Datasheet HTML 6Page - STMicroelectronics AN1812 Datasheet HTML 7Page - STMicroelectronics AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev 1
AN1812/0905
1/34
34
AN1812
APPLICATION NOTE
A High Precision, Low Cost, Single Supply ADC for
Positive and Negative Input Voltages
Introduction
In general the ADC embedded in the ST7 microcontroller is enough for most applications. But, in some
cases it is necessary to measure both positive and negative voltages. This requires an external ADC with
this particular capability. Most external ADCs require a dual supply to be able to do this. However,
microcontroller-based applications usually only have a positive supply available.
This application note describes a technique for implementing an ADC for measuring both positive and
negative input voltages while operating from a single (positive) supply. This converter is based on a
Voltage-to-time Conversion technique. Like other slope converters, this ADC also uses an Integrating
Capacitor, but the measured time is inversely proportional to the input voltage. An additional comparator
with a voltage reference is used to improve conversion accuracy.
As shown in the circuit diagram (Figure 1), the converter is implemented using an integrating capacitor,
resistor, external op-amp, comparators and some I/O pins (the ST72F264 microcontroller is used in this
example). The 16-bit timer of the microcontroller measures the time using its input capture pins (PB0 and
PB2). These pins are connected to the output of the Comp1 and Comp2 comparators. The I/O pins PB1
and PB3 are used to switch the M1 and M2 switches ON or OFF. The circuit could also work with a
microcontroller equipped with an 8-bit timer. Only a small modification to the software would be needed.
www.st.com


Similar Part No. - AN1812

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
Freescale Semiconductor, Inc.
More results

Similar Description - AN1812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
logo
STMicroelectronics
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
In general the ADC embedded in the ST7 microcontroller
23-Aug-2007
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
Using the UART interfaces in the SPEAr embedded MPU family
12-Mar-2012
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
Getting started with the ST7
03-Jul-2006
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
29-Jun-2007
logo
Maxim Integrated Produc...
MAX35104EVKIT2 MAXIM-MAX35104EVKIT2 Datasheet
1Mb / 7P
Easy Evaluation of the MAX35104 in an Embedded Environment
Rev 0; 5/18
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com