Electronic Components Datasheet Search
  English  ▼

X  

AN1812 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 26Page - STMicroelectronics AN1812 Datasheet HTML 27Page - STMicroelectronics AN1812 Datasheet HTML 28Page - STMicroelectronics AN1812 Datasheet HTML 29Page - STMicroelectronics AN1812 Datasheet HTML 30Page - STMicroelectronics AN1812 Datasheet HTML 31Page - STMicroelectronics AN1812 Datasheet HTML 32Page - STMicroelectronics AN1812 Datasheet HTML 33Page - STMicroelectronics AN1812 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
13 References and bibliography
AN1812
30/34
Micro setup
R12
10k
Resistor
R11
10k
Resistor
U2
ST72F264
Micro-controller
C12
100nF
Capacitor
Y1
16MHz
Crystal oscillator
Crystal
C17
22pf
Capacitor
C16
22pf
Capacitor
R9
1k
Resistor
Reset
R8
4k7
Resistor
C15
100pf
Capacitor
S1
Push Button
Micro switch
J4
CON-2
jumper
DC Power
C4
10uf/25v
Capacitor
C5
100nf
Capacitor
C1
100nf
Capacitor
C3
220uf/25v
Capacitor
C2
220uf/25v
Capacitor
R1
330E
Resistor
J1
DC - Jack
DC- JACK
D2
LED 3mm
LED-Green
U1
LM7805
Voltage regulator
D1
IN4007
Diode
J2
jumper
CON-2
J3
Power Connector
2 pin connector
Block
Designator
Part Type/ Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com