Electronic Components Datasheet Search
  English  ▼

X  

AN1812 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1812 Datasheet HTML 1Page - STMicroelectronics AN1812 Datasheet HTML 2Page - STMicroelectronics AN1812 Datasheet HTML 3Page - STMicroelectronics AN1812 Datasheet HTML 4Page - STMicroelectronics AN1812 Datasheet HTML 5Page - STMicroelectronics AN1812 Datasheet HTML 6Page - STMicroelectronics AN1812 Datasheet HTML 7Page - STMicroelectronics AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AN1812
2 Theory of operation
5/34
2
Theory of operation
Vin is the Input voltage. The voltages across resistor R are the reference voltage V1 and the
input voltage Vin. Due to the properties of the op-amp, V1 is output on the inverting pin of the
op-amp. Therefore, for a given input voltage, the current flowing through resistor R will be
constant. Let this current be I.
Current I charges the capacitor C, and output starts increasing in the positive direction for the
input Vin <= V1 (for input Vin > V1 it will charge in the opposite direction).
The output is captured at two instants using the two output comparators at voltage references
V2 and V3. The time corresponding to voltage levels V2 and V3 are T2 and T3 respectively. The
final reading of time Tm is taken as the difference of T3 and T2.
The input voltage is calculated from this difference through the formulae given in the circuit
analysis.
This technique can only be used where the input voltage varies slowly, otherwise the charging
of the capacitor will be non-linear.
2.1
Advantage of using two comparators
The purpose of using the second comparator (comp2) can be understood from the diagram
below (Figure 2), which shows the relationship between the op-amp output (Amp in Figure 1)
and the time for a given input value.
Figure 2.
Relationship between Vout and time for a given input
The time is measured as the difference of the two timer readings (T3 -T2) for the same slope.
So factors like the residual voltage of the capacitor ( Vc(0+)) and any other constant errors (like
the effect of output offset voltage) on the output side of the op-amp are subtracted. So its
performance is better than a single-slope converter.
Vout
V3
V2
V1
T2
T3
Time (t)
Tm
Point of
uncertainty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com