Electronic Components Datasheet Search
  English  ▼

X  

AN1812 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 6Page - STMicroelectronics AN1812 Datasheet HTML 7Page - STMicroelectronics AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics AN1812 Datasheet HTML 10Page - STMicroelectronics AN1812 Datasheet HTML 11Page - STMicroelectronics AN1812 Datasheet HTML 12Page - STMicroelectronics AN1812 Datasheet HTML 13Page - STMicroelectronics AN1812 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
6 Characteristics of different slope converters
AN1812
10/34
6.2
Dual-slope converter
Figure 7.
Dual-slope converter circuit diagram
6.2.1
Timing diagram
As shown in Figure 8 a dual-slope ADC has a charging phase followed by a fixed rate
discharging phase.
Figure 8.
Dual-slope converter timing diagram
The advantage of a dual-slope ADC is that it is not dependent on the correction factor for the
R*C product. However, the input offset voltage problem still persists here and this ADC also
requires a dual supply op-amp to be able to measure the positive and negative voltages.
6.3
Solution presented in this application note
In this converter, the input voltage is proportional to the inverse of the time measured. We can
see in Figure 9, as the input voltage becomes closer to V1, the conversion time also increases.
For an input of V1, the conversion time will be infinite (1/ Tm = 0 in Figure 9). So the input
voltage range depends on the value of V1 and the maximum delay that the application can
tolerate.
out
out
R
S1
gnd
gnd
1
2
3
1
2
S0
S1
S2
clk
cmp
Control
Logic
enbl
clk
Counter
ctr
clk
-Vin
Vref
Vin1
Vin2
-Vref
-Vref
Charging
Phase
Fixed-Rate
Discharge
Vin
=
Vref
Tcharge
Tdischarge
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com