Electronic Components Datasheet Search
  English  ▼

X  

AN2350 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 16Page - STMicroelectronics AN2350 Datasheet HTML 17Page - STMicroelectronics AN2350 Datasheet HTML 18Page - STMicroelectronics AN2350 Datasheet HTML 19Page - STMicroelectronics AN2350 Datasheet HTML 20Page - STMicroelectronics AN2350 Datasheet HTML 21Page - STMicroelectronics AN2350 Datasheet HTML 22Page - STMicroelectronics AN2350 Datasheet HTML 23Page - STMicroelectronics AN2350 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Hardware and mechanical equipments
AN2350
20/41
3.2
Cables and connectors
On the chassis skin of the wafer handler are present six 15 pin D-SUB male connectors.
Four of them (named A, W, Y, H) are used for the links of the two arms, while the other two,
named X and Z, are used respectively for the torso beam and the Z elevation. The four
harness connectors of the links are located under the torso beam.
The wafer handler is furnished of cables, each of one presents on one side a 15 pin D-SUB
female connector, and on the other side a 25 pin D-SUB female connector. The former is
connected to the wafer handler, while the latter is connected to the driver board. The table
below shows the pins assignment and the related description.
Table 3.
The sectors of the absolute encoder
3.3
The encoders and the conditioning circuit
Each joint of the arm of the manipulator has an encoder ring as shown in Figure 14. In this
ring it is possible to identify four sector named A, B, C and D, and the encoder read head.
Pin DB15 Connector
Pin DB25 Connector
Wire
Description
1
1
Green
Incremental encoder
(sin)
2
2
Orange
Incremental encoder
(cos)
33
Violet
Absolute encoder
(bit b1)
4
16
Not used
59
White
Absolute encoder
(bit b2)
610
Grey
Absolute encoder
(bit b0)
7
7
Not used
88
Red
2.5V supply for encoder
read head
9
14
Yellow
VREF-
10
15
Blue
VREF+
11
19
Not used
12
21
Black
Ground for encoder
read head
13
23
Not used
14
24
Black (motor)
Motor +
15
25
White (motor)
Motor -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com