Electronic Components Datasheet Search
  English  ▼

X  

AN2350 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2350
Description  Guidelines for the control of a multiaxial planar robot with ST10F276
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2350 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2350 Datasheet HTML 23Page - STMicroelectronics AN2350 Datasheet HTML 24Page - STMicroelectronics AN2350 Datasheet HTML 25Page - STMicroelectronics AN2350 Datasheet HTML 26Page - STMicroelectronics AN2350 Datasheet HTML 27Page - STMicroelectronics AN2350 Datasheet HTML 28Page - STMicroelectronics AN2350 Datasheet HTML 29Page - STMicroelectronics AN2350 Datasheet HTML 30Page - STMicroelectronics AN2350 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Control algorithm
AN2350
27/41
4
Control algorithm
4.1
Motion and path planning
Path planning problems generally involve computing a continuous sequence (a path) of
configurations (generalized coordinates) between an initial configuration (start) and a final
configuration (goal) respecting certain constraints.
The term motion planning is usually distinguished from path planning in that the computed
path is parameterized by time (i.e. a trajectory). The consideration of time is often important
for problems requiring time-parameterized solution trajectories.
The aim of the motion planning is to generate the inputs of the motion control system in
order to ensure the correct execution of the planned trajectory by the manipulator.
The path planning can be realized in the joint space or in the workspace. The latter has
been used in this work according to the scheme of the following figure.
Figure 20.
General scheme for the path planning
As can be seen, all the reference points necessary to the control of the desired trajectory
are calculated off-line. The trajectory planning algorithm generates a temporal sequence of
variables that specify the position and orientation of the end-effector in the workspace.
Because the control of the manipulator is realized as control of the joints, from this
sequence of variables it is necessary to perform the kinematics inversion to build a
sequence of variables in the joint space. These joint variables must be opportunely
converted in incremental encoder pulses, because the position closed loop control is
performed on the feedback of the incremental encoders of the two joints.
The path planning method used in this work is the straight-line motion. In this method the
end-effector of the robot travels in a straight line between the start and stop points, using a
trapezoidal velocity profile, in which the motion controller must command the motor driver to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com