Electronic Components Datasheet Search
  English  ▼

X  

AN2472 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2472
Description  STMAV340 analog video switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2472 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2472 Datasheet HTML 3Page - STMicroelectronics AN2472 Datasheet HTML 4Page - STMicroelectronics AN2472 Datasheet HTML 5Page - STMicroelectronics AN2472 Datasheet HTML 6Page - STMicroelectronics AN2472 Datasheet HTML 7Page - STMicroelectronics AN2472 Datasheet HTML 8Page - STMicroelectronics AN2472 Datasheet HTML 9Page - STMicroelectronics AN2472 Datasheet HTML 10Page - STMicroelectronics AN2472 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN2472
Application information
7/11
4
Application information
The switch can be used in a wide array of applications as shown in the below section. The
only difference is the way the switching is accomplished (mux or de-mux) and the type of
signals which are needed by different applications.
4.1
Video display (TV)
The main application of the switch is in the displays like the CRT TV, LCD TV and Monitor.
Figure 2.
Application of STMAV340 in a video display
4.2
Notebook
In a PC application, the video switch can be used to multiplex RGB signals between a
notebook and its docking station. Use of a 3-bit/3-channel SPDT analog video switch in this
application eliminates a redundant graphics chip in the docking station, thus reducing cost,
component count and complexity.
Figure 3.
Application of STMAV340 in a notebook



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com