Electronic Components Datasheet Search
  English  ▼

X  

AN2472 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2472
Description  STMAV340 analog video switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2472 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2472 Datasheet HTML 1Page - STMicroelectronics AN2472 Datasheet HTML 2Page - STMicroelectronics AN2472 Datasheet HTML 3Page - STMicroelectronics AN2472 Datasheet HTML 4Page - STMicroelectronics AN2472 Datasheet HTML 5Page - STMicroelectronics AN2472 Datasheet HTML 6Page - STMicroelectronics AN2472 Datasheet HTML 7Page - STMicroelectronics AN2472 Datasheet HTML 8Page - STMicroelectronics AN2472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Video switch parameters
AN2472
4/11
1.4
Differential gain and phase
Differential gain and differential phase refer to how the video switch attenuates the signal
differently for inputs biased at various DC levels.
This specification is associated with Ron flatness over the 1.0V range, with more flatness
occurring with a smaller differential gain. A lesser variation of on capacitance of a video
switch over various DC biases results in a lower differential phase.
The differential gain and phase are further defined as below:
Differential gain is the percentage error in the magnitude/amplitude change in the analog
output voltage from the analog input voltage when the input is between 0 V and 0.714 V and
the switch is enabled. Load at the output is 150 Ohm. 0 V and 0.714 V represents the DC
offset.
Differential gain is expressed in % error and is calculated as follows:
Reference gain (when input bias is 0 V, f=3.58 MHz) = Vout/Vin = 20 log (Vout/Vin)
dB = G1 (say)
New gain (when input bias is 0.714V, f=3.58MHz) = Vout//Vin = 20 log (Vout//Vin)
dB = G2 (say)
Then Error = E = G2 - G1 (dB)
% Error in Gain = Differential Gain = 100 * Antilog (E/20)
The differential phase is measured in a similar way from the AC/transient simulation plot.
1.5
Current consumption
There are two parts to the current, one comes from the current consumed by the logic
control circuit and the other is by the switch itself. The supply of the device is only connected
to the logic control part (switch enable and selection). The analog pulsing input video signal
is the other source of voltage to the video switch.
The current consumption of the switch when it is active but not switching is only determined
by the static current through the logic part of the device. When it is switching, the current is
determined by the logic control elements of the switch.
The input voltage source to the switches' drain/source and the load attached at the switch
output determine the current through the switch itself.
During the standby state, the current consumption of the switch drops to very low and is
practically negligible.
1.6
Delay measurements
The magnitude of the Ron and Con determine the propagation delay of the switch.
The delay measurements include the switch turn-on / turn-off times and the propagation
delays. The measurement is done using the load circuit as shown in the datasheet. For the
waveforms and the timing specifications, refer to the STMAV340 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com