Electronic Components Datasheet Search
  English  ▼

X  

AN2472 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2472
Description  STMAV340 analog video switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2472 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2472 Datasheet HTML 1Page - STMicroelectronics AN2472 Datasheet HTML 2Page - STMicroelectronics AN2472 Datasheet HTML 3Page - STMicroelectronics AN2472 Datasheet HTML 4Page - STMicroelectronics AN2472 Datasheet HTML 5Page - STMicroelectronics AN2472 Datasheet HTML 6Page - STMicroelectronics AN2472 Datasheet HTML 7Page - STMicroelectronics AN2472 Datasheet HTML 8Page - STMicroelectronics AN2472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN2472
STMAV340 measurement set up
5/11
2
STMAV340 measurement set up
2.1
Calibration
This is one of the most critical parts to good measurement. The AC parameters of the switch
are measured using a network analyzer which must be properly calibrated before use. The
calibration is done on the equipment itself and then with the board. Through, open and short
calibration are performed without the DUT placed on the board or with DUT enabled on the
board and with both the input and output ports of the network analyzer connected to the
switch connectors on the board. After the calibration is done, the channel output on the
analyzer is stable and is not affected by any movements of the cables or the board. This
also helps to ensure that the calibration is performed by taking the DUT and board into
account. Initially if desired the calibration can be run by connecting the two ports together.
2.2
Termination for bias
In a typical video application the bias is needed to provide the DC offset required for the
video signal. The decoupling capacitor filters the negative part of the video signal before it
reaches the switch. The inputs and outputs of the switch have to be terminated with 75 Ohm
resistors to eliminate any reflections due to impedance mismatches between the source and
the sink.
The parameters are measured with 150 Ohm load as the series resistor of 75 Ohm of the
cable is in series with the far-end termination resistor of 75 Ohm, adding them up to
150 Ohm.
2.3
Measurement techniques
Proper measurement methods and stable test set-up ensure that the real device parameters
are measured during the characterization of the device. Good contacts of the cable
assemblies to the SMA connectors on the board must be present. Care is taken to ensure
that the probes of the equipment are tightly screwed to the equipment and the device under
test (D.U.T.). Soldering with a good shining solder dot without any dry solder gives a robust
low resistance contact for the signals on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com