Electronic Components Datasheet Search
  English  ▼

X  

AN2472 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2472
Description  STMAV340 analog video switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2472 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2472 Datasheet HTML 1Page - STMicroelectronics AN2472 Datasheet HTML 2Page - STMicroelectronics AN2472 Datasheet HTML 3Page - STMicroelectronics AN2472 Datasheet HTML 4Page - STMicroelectronics AN2472 Datasheet HTML 5Page - STMicroelectronics AN2472 Datasheet HTML 6Page - STMicroelectronics AN2472 Datasheet HTML 7Page - STMicroelectronics AN2472 Datasheet HTML 8Page - STMicroelectronics AN2472 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN2472
Video switch parameters
3/11
1
Video switch parameters
1.1
On-resistance (Ron)
The on-resistance of the switch determines the propagation delay as well as the losses
suffered by the incoming signal. The higher on-resistance of the switch increases the
insertion loss making the use of a buffer/gain-stage inevitable. Since the analog voltage
level for most video signals lies between 0 V and 1 V, the switch must provide a minimum
Ron within this range. The higher value of the resistance will reduce the gain, add noise and
increase the propagation delay. Thus it is desirable to have the on-resistance of the video
switch only in the range of a few ohms. It is worth mentioning here that to achieve a lower
Ron, the pass transistor has to be large which gives a higher capacitance, thus limiting the
bandwidth of the device. Thus a good trade-off between the Ron and channel capacitance is
an important consideration in the design of an analog video switch.
If the on-resistance of the switch is higher, the need to use an amplifier is larger as there is a
higher voltage drop across the switch.
1.2
Bandwidth
The bandwidth of the video switch is an important parameter as it determines the signal
quality at the output. The higher bandwidth of the switch allows the signal at the input of the
switch to be reproduced at its output with minimum distortion on the edges and the
amplitude. The amplitude distortion is due to the losses through the switch, parasitic
resistances, and capacitances while the edge distortion comes mainly from the capacitance.
The high bandwidth of the switch maintains the high fidelity of the analog video signal.
The higher the bandwidth in the system, the higher is the detail in the video signal. The
highest frequency of the video signal depends on the rise/fall time of the signal. The
bandwidth of a video signal is a complex function depending on several factors like the
aspect ratio, number of vertical scan lines, frame rate or refresh rate and the ratio of total
horizontal/vertical pixels to active ones. The circuit that processes the video signal needs to
have more bandwidth than the actual bandwidth of the processed signal to minimize the
degradation of the signal and the resulting loss in picture quality. The amount of circuit
bandwidth needs to exceed the highest frequency in the signal to reproduce a high-quality
signal. Depending upon the attenuation of the signal at the output, the circuit bandwidth has
to be 3-6 times higher than the maximum frequency in the video signal. In addition to the
bandwidth, the circuit must slew fast enough to faithfully reproduce the video signal.
1.3
Cross-talk and off-isolation
It is seen during the crosstalk measurement that the termination on other ports can
significantly affect the crosstalk measured value on a port. When the unused ports are un-
terminated (left open) the value of the crosstalk measured is worse than when the unused
ports are terminated with proper 75 Ohm loads. Thus it is necessary to terminate the
unused ports with proper loads for an accurate crosstalk measurement (similar to a real
application environment). This also applies to the off-isolation parameter. The higher the off-
isolation value, the better the switch separates the active data from the non-active display
terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com