Electronic Components Datasheet Search
  English  ▼

X  

AN2472 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2472
Description  STMAV340 analog video switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2472 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2472 Datasheet HTML 3Page - STMicroelectronics AN2472 Datasheet HTML 4Page - STMicroelectronics AN2472 Datasheet HTML 5Page - STMicroelectronics AN2472 Datasheet HTML 6Page - STMicroelectronics AN2472 Datasheet HTML 7Page - STMicroelectronics AN2472 Datasheet HTML 8Page - STMicroelectronics AN2472 Datasheet HTML 9Page - STMicroelectronics AN2472 Datasheet HTML 10Page - STMicroelectronics AN2472 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN2472
PCB layout considerations
9/11
5
PCB layout considerations
The decoupling capacitors should be placed as close as possible to the supply pins of the
device as it helps to minimize the noise due to switching and other sources. It is important to
ensure that the PCB tracks have resistances of 75 Ohm and are well matched for all the
inputs and outputs. This minimizes the impedance discontinuities between the analyzer
probes and measurement points on the board and thus reduces the reflections. From an
application perspective, image ghosting may occur if there is an impedance mismatch. The
75 Ohm termination on both the sides of the switch is provided by the network analyzer
itself. Load capacitance is placed close to the output pins of the device when required for
respective measurements.
5.1
Supply and ground effects
Placing decoupling capacitors close to the VDD and GND pins of the device help in good
noise isolation and decoupling. For both high and low frequency noise filtering, a 10 µF
electrolytic capacitor is placed in parallel with a 100 nF ceramic capacitor. The ground plane
and good solid connections to it significantly improve the performance of the device. It is a
good practice to place as many vias from the top layer to the ground plane as possible to
lower the resistance between the contact and the ground plane, thereby reducing noise.
5.2
PCB demo board
This board is manufactured to do real video signal application level tests. A typical
configuration of the switch is shown below (to be added) for the tests. The BOM and the
board schematics + layout files (Gerber files) are available upon request and will be placed
in the Appendix section of the application note. The PCB demo board allows switching
between RGB, YPbPr inputs and also two composite (CVBS) inputs. The inputs come from
the video sources and the output of the switch is connected to the display device like a TV or
PC monitor.
6
Conclusion
In this way a single product finds use in a wide range of applications to serve various needs.
ST's STMAV340 is a perfect low-cost, high-performance solution which provides system
developers with simple and effective ways to do video signal switching without impacting the
quality of the image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com