Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1114 Datasheet HTML 3Page - Linear Technology LT1114 Datasheet HTML 4Page - Linear Technology LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1112/LT1114
111214fb
Distribution of Offset Voltage
Match Drift (LT1112J8, LT1112N8,
LT1114J Packages)
Distribution of Offset
Voltage Match
∆VOS, OFFSET VOLTAGE MATCH (µV)
–100
15
20
25
60
LT1112/14 • TPC07
10
5
0
–60
–20
20
100
40
–80
–40
0
80
VS = ±15V
TA = 25°C
OFFSET VOLTAGE MATCH DRIFT (
µV/°C)
–0.8
0
5
10
15
20
–0.4
0
0.4
0.8
LT1112/14 • TPC08
25
30
–0.6
–0.2
0.2
0.6
VS = ±15V
342 PAIRS TESTED
OFFSET VOLTAGE MATCH DRIFT (
µV/°C)
–1.6
0
5
10
15
20
–1.2 –0.8 –0.4
0
LT1112/14 • TPC09
0.4
0.8
1.2
1.6
VS = ±15V
364 PAIRS TESTED
Distribution of Offset Voltage
Match Drift (LT1112S8, LT1114N,
LT1114S Packages)
TYPICAL PERFOR A CE CHARACTERISTICS
0.1Hz to 10Hz Noise
0.01Hz to 1Hz Noise
Supply Current per Amplifier
vs Supply Voltage
TIME (MONTHS)
0
–6
–4
–2
0
2
6
1
23
4
LT1112/14 • TPC14
56
4
VS = ±15V
TA = 25°C
2A
2B
1A
1B
3A
3B
Long Term Stability of Three
Representative Units
Warm-Up Drift
SUPPLY VOLTAGE (V)
0
400
500
±20
LT1112/14 • TPC15
300
200
±5
±10
±15
600
TA = 125°C
TA = 25°C
TA = –55°C
Noise Spectrum
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
LT1112/14 • TPC10
VS = ±1V TO ±20V
TA = 25°C
CURRENT NOISE
VOLTAGE NOISE
1/fCORNER
2.5Hz
1/fCORNER
140Hz
TIME (SEC)
0
8
LT1112/14 • TPC11
2
4
6
10
VS = ±15V
TA = 25°C
TIME AFTER POWER ON (MINUTES)
0
0
1
2
3
0.5
1.0
1.5
2.0
LT1112/14 • TPC13
2.5
VS = ±15V
TA = 25°C
LT1112S8, LT1114N/S PACKAGES
LT1114J PACKAGE
LT1112J8, N8 PACKAGES
TIME (SEC)
0
80
LT1112/14 • TPC12
20
40
60
100
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com