Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 5 Page - Linear Technology

  LT1114 Datasheet HTML 1Page - Linear Technology LT1114 Datasheet HTML 2Page - Linear Technology LT1114 Datasheet HTML 3Page - Linear Technology LT1114 Datasheet HTML 4Page - Linear Technology LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1112/LT1114
111214fb
The
● denotes the specifications which apply over the full operating
temperature range of 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C. VS = ±15V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current per Amplifier
●
370
440
370
500
µA
∆VOS
Offset Voltage Match
LT1112CN8
●
45
170
55
210
µV
(Note 6)
LT1112S8, LT1114CN/S
●
55
220
70
270
µV
Offset Voltage Match Drift
LT1112N8
●
0.2
0.7
0.3
1.0
µV/°C
(Notes 6, 9)
LT1112S8, LT1114CN/S
●
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
●
120
530
135
620
pA
(Notes 6, 7)
LT1114S
●
160
880
pA
∆CMRR
Common Mode Rejection Ratio
(Notes 6, 8)
●
114
134
109
134
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 6, 8)
●
110
128
108
128
dB
LT1112ACN8
LT1114ACN
LT1112CN8/S8/IS8
LT1114CN/S/IS
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1112CN8/IN8
●
30
110
35
135
µV
LT1112S8/IS8, LT1114CN/S/IS
●
40
135
45
160
µV
VS = ±1.2V
●
55
200
60
240
µV
∆VOS
Average Input Offset Voltage Drift
LT1112CN8/IN8
●
0.15
0.50
0.20
0.75
µV/°C
∆Temp
LT1112S8/IS8, LT1114CN/S/IS
●
0.30
1.10
0.40
1.30
µV/°C
IOS
Input Offset Current
●
70
330
85
400
pA
LT1114S/IS
●
110
600
pA
IB
Input Bias Current
●
±110
±500
±120
±550
pA
LT1114S/IS
●
±150
±800
pA
VCM
Input Voltage Range
●
±13.5 ±14.1
±13.5 ±14.1
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
●
117
132
112
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
●
113
125
111
125
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
●
700
3300
600
3300
V/mV
VO = ±10V, RL = 2kΩ
●
400
1100
300
900
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
●
±13.0 ±13.85
±13.0 ±13.85
V
SR
Slew Rate
●
0.13
0.24
0.13
0.24
V/
µs
IS
Supply Current per Amplifier
●
370
450
370
510
µA
∆VOS
Offset Voltage Match
LT1112CN8/IN8
●
50
180
60
225
µV
(Note 6)
LT1112S8/IS8, LT1114CN/S/IS
●
60
230
70
270
µV
Offset Voltage Match Drift
LT1112CN8/IN8
●
0.2
0.7
0.3
1.0
µV/°C
(Notes 6)
LT1112S8/IS8, LT1114CN/S/IS
●
0.4
1.6
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
●
140
660
155
770
pA
(Notes 6, 7)
LT1114S/IS
●
190
1300
pA
∆CMRR
Common Mode Rejection Ratio
(Notes 6, 8)
●
113
133
109
133
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 6, 8)
●
110
127
107
127
dB
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications
are at TA = 25°C. VS = ±15V, unless otherwise noted. (Note 12)
LT1112ACN8
LT1114ACN
LT1112CN8/IN8/S8/IS8
LT1114CN/S/IS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 3: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1114s (or 100
LT1112s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 4: This parameter is guaranteed by design and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com