Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology LT1114 Datasheet HTML 12Page - Linear Technology LT1114 Datasheet HTML 13Page - Linear Technology LT1114 Datasheet HTML 14Page - Linear Technology LT1114 Datasheet HTML 15Page - Linear Technology LT1114 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1112/LT1114
111214fb
LT 0207 REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1992
Dual Buffered
±0.617V Reference Powered by Two AA Batteries
–
+
1/2 LT1112
15k
3
2
7
4
6
5
8
1
RX*
*OPTIONAL
+1.5V
0.617V
LT1004-1.2
100pF
RY*
*OPTIONAL
–1.5V
–0.617V
TOTAL SUPPLY CURRENT = 700
µA
WORKS WITH BATTERIES DISCHARGED
TO
±1.3V
AT
±1.5V: MAXIMUM LOAD CURRENT = 800µA;
CAN BE INCREASED WITH OPTIONAL RX, RY;
AT RX = RY = 750Ω LOAD CURRENT = 2mA
TEMPERATURE COEFFICIENT LIMITED BY
REFERENCE = 20ppm/
°C
LT1112/14 • TA03
1/2 LT1112
20k
0.1%
20k
0.1%
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1880
Rail-to-Rail Output, Picoamp Input Precision Op Amp
SOT-23
LT1881/LT1882
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision
CLOAD Up to 1000pF
Op Amp
LT1884/LT1885
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision
9.5nV/
√Hz Input Noise
Op Amp
LT6011/LT6012
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision
135
µA Supply Current, 14nV/√Hz
Op Amp
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com