Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology LT1114 Datasheet HTML 12Page - Linear Technology LT1114 Datasheet HTML 13Page - Linear Technology LT1114 Datasheet HTML 14Page - Linear Technology LT1114 Datasheet HTML 15Page - Linear Technology LT1114 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1112/LT1114
111214fb
N8 Package
8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
N Package
14-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
N8 1002
.065
(1.651)
TYP
.045 – .065
(1.143 – 1.651)
.130
± .005
(3.302
± 0.127)
.020
(0.508)
MIN
.018
± .003
(0.457
± 0.076)
.120
(3.048)
MIN
12
3
4
87
6
5
.255
± .015*
(6.477
± 0.381)
.400*
(10.160)
MAX
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC
N14 1103
.020
(0.508)
MIN
.120
(3.048)
MIN
.130
± .005
(3.302
± 0.127)
.045 – .065
(1.143 – 1.651)
.065
(1.651)
TYP
.018
± .003
(0.457
± 0.076)
.005
(0.127)
MIN
.255
± .015*
(6.477
± 0.381)
.770*
(19.558)
MAX
3
1
2
4
5
6
7
8
9
10
11
12
13
14
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com