Electronic Components Datasheet Search
  English  ▼

X  

LT1114 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1114
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1114 Datasheet HTML 5Page - Linear Technology LT1114 Datasheet HTML 6Page - Linear Technology LT1114 Datasheet HTML 7Page - Linear Technology LT1114 Datasheet HTML 8Page - Linear Technology LT1114 Datasheet HTML 9Page - Linear Technology LT1114 Datasheet HTML 10Page - Linear Technology LT1114 Datasheet HTML 11Page - Linear Technology LT1114 Datasheet HTML 12Page - Linear Technology LT1114 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1112/LT1114
111214fb
Slew Rate, Gain-Bandwidth
Product and Phase Margin
vs Temperature
Closed-Loop Output Impedance
Capacitive Loading Handling
FREQUENCY (Hz)
1
0.001
0.01
0.1
1
10
1000
10
100
1k
10k
LT1112/14 • TPC26
100k
1M
100
VS = ±15V
TA = 25°C
AV = 100
AV = +1
CAPACITIVE LOAD (
µF)
0.00001
0
20
40
60
80
120
0.0001 0.001
0.01
0.1
LT1112/14 • TPC27
110
100
VS = ±15V
TA = 25°C
AV = 10
AV = +1
TEMPERATURE (
°C)
–50
600
800
0.4
0
50
75
LT1112/14 • TPC25
700
0.3
0.2
–25
25
100
125
80
70
60
φm
GBW
SLEW
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (kHz)
1
16
20
24
28
10
100
1000
LT1112/14 • TPC30
12
8
4
0
VS = ±15V
VS = ±5V
TA = 25°C
RL = 10k
Large-Signal Transient Response
Small-Signal Transient Response
50
µs/DIV
2
µs/DIV
AV = +1
CL = 500pF
VS = ±15V
AV = +1
RF = 10k
CF = 100pF
VS = ±15V
Undistorted Output Voltage
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com