Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology LT1124 Datasheet HTML 10Page - Linear Technology LT1124 Datasheet HTML 11Page - Linear Technology LT1124 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1124/LT1125
8
11245ff
For more information www.linear.com/LT1124
Typical perForMance characTerisTics
Common Mode Limit vs
Temperature
Channel Separation vs Frequency
Warm-Up Drift
Small-Signal Transient Response
Large-Signal Transient Response
Output Voltage Swing vs Load
Current
1124/25 G16
AVCL = +1
VS = ±15V OR ±5V
CL = 15pF
0
50mV
–50mV
1124/25 G17
AVCL = –1
VS = ±15V
0
10mV
–10mV
OUTPUT CURRENT (mA)
–8
1.0
–1.6
–1.4
4
8
1124/25 G18
–6
0
–10
–4 –2
2
6
10
0.4
0.6
0.8
1.2
–1.2
–1.0
–0.8
ISINK
ISOURCE
V–
V+
125°C
–55°C
–55°C
125°C
25°C
VS = ±3V TO ±18V
25°C
TEMPERATURE (°C)
–60
0.5
1.0
1.5
–2.0
–1.5
–1.0
–0.5
–20
20
60
140
1124/25 G19
2.0
2.5
–2.5
100
V+ = 3V TO 18V
V– = –3V TO –18V
V–
V+
FREQUENCY (Hz)
0
0
20
60
80
120
160
180
100
10k
100k
10M
1124/25 G20
1k
1M
40
100
140
LIMITED BY
THERMAL INTERACTION
LIMITED BY PIN
TO PIN CAPACITANCE
VS = ±15V
RL = 2k
VOUT = 7VP-P
TA = 25°C
TIME AFTER POWER ON (MINUTES)
0
0
2
4
8
10
1
2
3
5
1124/25 G21
4
6
VS = ±15V
TA = 25°C
SO PACKAGE
N, J PACKAGES
Offset Voltage Drift with
Temperature of Representative
Units
Supply Current vs Supply Voltage
TEMPERATURE (°C)
–50
–50
–20
20
–25
75
125
1124/25 G14
0
25
50
100
–40
–30
0
10
30
40
50
–10
VS = ±15V
SUPPLY VOLTAGE (V)
0
0
1
2
3
±5
±10
±15
±20
1124/25 G15
125°C
25°C
–55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com