Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology LT1124 Datasheet HTML 10Page - Linear Technology LT1124 Datasheet HTML 11Page - Linear Technology LT1124 Datasheet HTML 12Page - Linear Technology LT1124 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1124/LT1125
9
11245ff
For more information www.linear.com/LT1124
Typical perForMance characTerisTics
Total Harmonic Distortion and
Noise vs Output Amplitude for
Noninverting Gain
Total Harmonic Distortion and
Noise vs Output Amplitude for
Inverting Gain
Intermodulation Distortion
(CCIF Method)* vs Frequency
LT1124 and OP270
Total Harmonic Distortion
and Noise vs Frequency for
Noninverting Gain
Total Harmonic Distortion
and Noise vs Frequency for
Inverting Gain
Total Harmonic Distortion
and Noise vs Frequency for
Competitive Devices
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G22
100
0.001
0.0001
ZL = 2k/15pF
VO = 20VP-P
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = +1
AV = +10
AV = +100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G23
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –1
AV = –10
AV = –100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G24
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
LT1124
OP270
OP27
OUTPUT SWING (VP-P)
0.1
1
0.3
10
30
1124/25 G25
1
0.010
0.0001
ZL = 2k/15pF
fO = 1kHz
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = +1
AV = +10
AV = +100
0.001
OUTPUT SWING (Vp-p)
0.1
1
0.3
10
30
1124/25 G26
1
0.010
0.0001
ZL = 2k/15pF
fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = –1
AV = –10
AV = –100
0.001
FREQUENCY (Hz)
3k
10k
20k
1124/25 G27
0.010
0.0001
ZL = 2k/15pF
f (IM) = 1kHz
fO = 13.5kHz
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
LT1124
0.001
OP270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com