Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology LT1124 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1124/LT1125
6
11245ff
For more information www.linear.com/LT1124
Typical perForMance characTerisTics
0.1Hz to 10Hz Voltage Noise
0.01Hz to 1Hz Voltage Noise
Voltage Noise vs Frequency
Current Noise vs Frequency
Input Bias or Offset Current
vs Temperature
voltage exceeds ±1.4V, the input current should be limited to 25mA.
Note 7: Slew rate is measured in AV = –1; input signal is ±7.5V, output
measured at ±2.5V.
Note 8: 0.1Hz to 10Hz noise can be inferred from the 10Hz noise voltage
density test. See the test circuit and frequency response curve for 0.1Hz
to 10Hz tester in the Applications Information section of the LT1007 or
LT1028 data sheets.
Note 9: This parameter is guaranteed but not tested.
Note 10: The LT1124C/LT1125C and LT1124AC/LT1125AC are guaranteed
to meet specified performance from 0°C to 70°C and are designed,
characterized and expected to meet these extended temperature limits,
but are not tested at –40°C and 85°C. The LT1124AI and LT1124I are
guaranteed to meet the extended temperature limits.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1125s (or 100
LT1124s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 3: This parameter is 100% tested for each individual amplifier.
Note 4: This parameter is sample tested only.
Note 5: This parameter is not 100% tested.
Note 6: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
elecTrical characTerisTics
TIME (SECONDS)
0
2
6
8
10
1124/25 G01
4
TIME (SECONDS)
0
20
60
80
100
1124/25 G02
40
FREQUENCY (Hz)
3
10
30
100
0.1
10
100
1000
1124/25 G03
1
1.0
MAXIMUM
TYPICAL
VS = ±15V
TA = 25°C
1/f CORNER
2.3Hz
FREQUENCY (Hz)
0.3
1.0
3.0
10.0
10
1k
10k
1124 G04
0.1
100
VS = ±15V
TA = 25°C
TYPICAL
MAXIMUM
1/f CORNER
100Hz
TEMPERATURE (°C)
–75
0
10
20
30
–50
25
75
125
1124/25 G05
–25
0
50
100
LT1124M/LT1125M
LT1124AM/LT1125AM
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com