Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 5 Page - Linear Technology

  LT1124 Datasheet HTML 1Page - Linear Technology LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1124/LT1125
5
11245ff
For more information www.linear.com/LT1124
SYMBOL PARAMETER
CONDITIONS (Note 2)
LT1124AC
LT1125AC
LT1124C
LT1125C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1124
LT1125
l
l
35
40
120
140
45
50
170
210
µV
µV
∆VOS
∆Temp
Average Input Offset
Voltage Drift
(Note 5)
l
0.3
1
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1124
LT1125
l
l
6
7
25
35
7
8
35
45
nA
nA
IB
Input Bias Current
l
±8
±35
±9
±45
nA
VCM
Input Voltage Range
l
±11.5 ±12.4
±11.5 ±12.4
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.5V
l
109
125
102
122
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
l
112
125
107
122
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VOUT = ±10V
RL ≥ 2k, VOUT = ±10V
l
l
4.0
1.5
15
3.5
2.5
1.0
14
2.5
V/µV
V/µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
l
±12.5 ±13.7
±12
±13.7
V
SR
Slew Rate
RL ≥ 2k (Notes 3, 7)
l
2.6
4
2.4
4
V/µs
IS
Supply Current per Amplifier
l
2.4
3
2.4
3
mA
elecTrical characTerisTics The
l
denotes the specifications which apply over the 0°C ≤ TA ≤ 70°C
temperature range, VS = ±15V, unless otherwise noted.
The l denotes the specifications which apply over the –40°C ≤ TA ≤ 85°C temperature range, VS = ±15V, unless otherwise noted. (Note 10)
SYMBOL PARAMETER
CONDITIONS (Note 2)
LT1124AC/AI
LT1125AC
LT1124C/I
LT1125C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1124
LT1125
l
l
40
45
140
160
50
55
200
240
µV
µV
∆VOS
∆Temp
Average Input Offset
Voltage Drift
(Note 5)
l
0.3
1
0.4
1.5
µV/°C
IOS
Input Offset Current
LT1124
LT1125
l
l
15
15
40
50
17
17
55
65
nA
nA
IB
Input Bias Current
l
±15
±50
±17
±65
nA
VCM
Input Voltage Range
l
±11.4 ±12.2
±11.4 ±12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.4V
l
107
124
101
121
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
l
111
124
106
121
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VOUT = ±10V
RL ≥ 2k, VOUT = ±10V
l
l
3.5
1.2
12
3.2
2.2
0.8
12
2.3
V/µV
V/µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
l
±12.5 ±13.6
±12
±13.6
V
SR
Slew Rate
RL ≥ 2k (Notes 3, 7)
l
2.4
3.9
2.1
3.9
V/µs
IS
Supply Current per Amplifier
l
2.4
3.25
2.4
3.25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com