Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1124 Datasheet HTML 12Page - Linear Technology LT1124 Datasheet HTML 13Page - Linear Technology LT1124 Datasheet HTML 14Page - Linear Technology LT1124 Datasheet HTML 15Page - Linear Technology LT1124 Datasheet HTML 16Page - Linear Technology LT1124 Datasheet HTML 17Page - Linear Technology LT1124 Datasheet HTML 18Page - Linear Technology LT1124 Datasheet HTML 19Page - Linear Technology LT1124 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1124/LT1125
20
11245ff
For more information www.linear.com/LT1124
LINEAR TECHNOLOGY CORPORATION 1992
LT 0114 REV F • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT1124
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1007
Single Low Noise, Precision Op Amp
2.5nV/√Hz 1kHz Voltage Noise
LT1028/LT1128
Single Low Noise, Precision Op Amps
0.85nV/√Hz Voltage Noise
LT1112/LT1114
Dual/Quad Precision Picoamp Input
250pA Max IB
LT1113
Dual Low Noise JFET Op Amp
4.5nV/√Hz Voltage Noise, 10fA/√Hz Current Noise
LT1126/LT1127
Decompensated LT1124/LT1125
11V/µs Slew Rate
LT1169
Dual Low Noise JFET Op Amp
6nV/√Hz Voltage Noise, 1fA/√Hz Current Noise, 10pA Max IB
LT1792
Single LT1113
4.2nV/√Hz Voltage Noise, 10fA/√Hz Current Noise
LT1793
Single LT1169
6nV/√Hz Voltage Noise, 1fA/√Hz Current Noise, 10pA Max IB
1124/25 TA05
–
+
–
+
–
+
LT1009
3
2
2.5V
5k
1/4
LT1125
1k
–15V
15V
1
REFERENCE
OUTPUT
15V
–15V
7
4
13
6
5
10k
ZERO
TRIM
301k*
350
BRIDGE
1µF
301k*
0V TO 10V
OUTPUT
499*
GAIN
TRIM
50k
*RN60C FILM RESISTORS
1k
14
–15V
15V
13
12
THE LT1124/LT1125 IS CAPABLE OF PROVIDING EXCITATION CURRENT DIRECTLY
TO BIAS THE 350 BRIDGE AT 5V WITH ONLY 5V ACROSS THE BRIDGE (AS OPPOSED
TO THE USUAL 10V) TOTAL POWER DISSIPATION AND BRIDGE WARM-UP DRIFT IS
REDUCED. THE BRIDGE OUTPUT SIGNAL IS HALVED, BUT THE LT1124/LT1125 CAN
AMPLIFY THE REDUCED SIGNAL ACCURATELY.
1/4
LT1125
1/4
LT1125
Strain Gauge Signal Conditioner with Bridge Excitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com