| Electronic Components Datasheet Search |
|
LT1500 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1500 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() 7 LT1500/LT1501 PIN FUNCTIONS NFB/SELECT (LT1500 Only): NFB is a second feedback node used to regulate a negative output voltage. Negative output voltages can be generated by using a transformer flyback circuit, a Cuk converter or a capacitor charge pump added to a boost converter. The regulating point for NFB is 1.265V and the internal resistance to ground is 100k Ω. External divider current should be 300 µA or greater to avoid negative output voltage variations due to production variations in the internal resistor value. FB should be left open when using NFB. On fixed voltage parts, NFB is replaced with Select. The Select pin is used to set output voltage at either 3.3V or 5V. VC (LT1500 Only): This is the output of the error amplifier and the input to the current comparator. The VC pin voltage is about 700mV at very light loads and about 1.2V at full load. An internal comparator detects when the VC voltage drops below about 750mV and shuts down the current comparator and the power switch biasing to reduce quies- cent current. This forces the regulator to operate in Burst Mode operation. SYNC (LT1500 Only): This is a logic level input used to synchronize switching frequency to an external clock. The sync signal overrides the internal current comparator and turns the switch on. Minimum sync pulse width should be 50ns and maximum width should be 300ns. A continuous high sync signal will force the power switch to stay on indefinitely and current will increase without limit. Don’t do this! SS (LT1500 Only): This is the soft start function using the base of a PNP transistor whose emitter is tied to the VC pin. Grounding SS will turn off switching by pulling VC low. A capacitor tied from SS to ground will force VC to ramp up slowly during start-up at a rate set by the capacitor value and the internal 4 µA pull-up current. An external resistor must be used to reset the capacitor voltage completely to 0V at power down. SHDN: Logic Level Shutdown Pin. This pin must be held high (> 1.1V) for the regulator to run. SHDN can be tied directly to VIN, even with VIN = 18V. The low-battery detector remains active in shutdown, but all other circuitry is turned off. VIN: This pin supplies power to the regulator and is connected to one side of the inductor sense resistor. It should be bypassed close to the chip with a low ESR capacitor. ISENSE: This is one end of the internal inductor-current sense resistor. With most applications, only the external inductor is tied to this pin. GND: This pin carries only low level current in the LT1500, but it carries full switch current in the LT1501. The negative end of the input bypass capacitor should be connected close to this pin and the pin should go directly to the ground plane with the LT1501. PGND (LT1500 Only): This pin is the emitter of the internal NPN power switch. Connect it directly to the ground plane. SW: This is the collector of the internal NPN power switch. To avoid EMI and overvoltage spikes, keep connections to this pin very short. LBI: This is the input to the low-battery detector with a threshold of 1.24V. Maximum pin voltage is 5V. Bypass LBI with a small filter capacitor when used. If unused, tie LBI to ground. The low-battery detector remains active in shutdown. LBO : This is the open collector output of the low-battery detector. It will sink up to 2mA. Leave open if not used. FB/VOUT: FB is the inverting input to the error amplifier with a regulating point of 1.265V and a typical bias current of 30nA. Bias current is reduced with a canceling circuit, so bias current could flow in either direction. FB is replaced with VOUT on fixed voltage parts. VOUT is the top of an internal divider that is connected to the internal FB node. A switch disconnects the divider in shutdown so that the divider current does not load VIN through the inductor and catch diode. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |