Electronic Components Datasheet Search
  English  ▼

X  

LT1500 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1500
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1500 Datasheet(HTML) 3 Page - Linear Technology

  LT1500 Datasheet HTML 1Page - Linear Technology LT1500 Datasheet HTML 2Page - Linear Technology LT1500 Datasheet HTML 3Page - Linear Technology LT1500 Datasheet HTML 4Page - Linear Technology LT1500 Datasheet HTML 5Page - Linear Technology LT1500 Datasheet HTML 6Page - Linear Technology LT1500 Datasheet HTML 7Page - Linear Technology LT1500 Datasheet HTML 8Page - Linear Technology LT1500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1500/LT1501
ELECTRICAL CHARACTERISTICS T
J = 25°C, VIN = 2.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Divider Current
LT1500-3.3/LT1501-3.3
q
22
30
µA
LT1500-5/LT1501-5
q
33
45
µA
Operating Quiescent Current
VIN ≤ 5V, VSHDN = 2.3V (Note 1)
q
200
280
µA
VIN = 15V
q
320
µA
Supply Current in Shutdown
VSHDN ≤ 0.2V, Fixed Voltages (Note 7)
TJ ≥ 0°C
q
815
µA
TJ < 0°C20
µA
Shutdown Pin Threshold
q
0.4
1.1
V
Shutdown Pin Input Current
VSHDN = 2.3V
q
310
µA
Input Start-Up Voltage
VSHDN = VIN
TJ ≥ 0°C
q
2.0
2.1
V
TJ < 0°C
2.2
V
Undervoltage Lockout
Light Load
1.8
V
Full Load
2.0
2.1
V
Power Switch
Switch On Resistance
ISW = 0.7A (Note 2)
q
0.50
0.72
Ω
Peak Switch Current (Note 3)
q
0.7
0.85
1.3
A
Switch Breakdown Voltage
ISW = 100µA
q
30
45
V
Switch Leakage Current
VSW = 5V
q
0.2
5
µA
VSW = 20V
q
0.3
10
µA
Switch Turn-On Delay (Note 5)
800
ns
Switch Turn-Off Delay (Note 5)
400
ns
Current Sense Resistor
q
0.28
0.42
Ω
Low-Battery Comparator
Low-Battery Threshold
Falling Edge
q
1.20
1.24
1.28
V
Threshold Hysteresis
20
mV
LBI Input Bias Current
q
20
50
nA
LBO Output Low State
VLBI = 1.2V, ISINK = 100µA
q
0.1
0.25
V
ISINK = 2mA
q
0.3
0.5
V
LBO Leakage Current
VLBI = 1.3V, VLBO ≤ 15V
q
2
µA
LT1500 Functions
SYNC Pin Bias Current
VSYNC = 3.3V
q
15
35
µA
SYNC Pin Threshold
q
0.4
1.3
V
Error Amplifier Transconductance
600
µmho
VC Pin Source Current
20
µA
VC Pin High Clamp Voltage
1.20
1.26
1.32
V
NFB Reference Voltage
FB Pin Open
q
1.230
1.265
1.300
V
NFB Pin Bias Current
q
12
20
µA
NFB to FB Transconductance
Note 4
10,000
µmho
Soft Start Bias Current
Current Flows Out of Pin
q
247
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com